Electronic Components Datasheet Search
  English  ▼

X  

F0472 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0472
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0472 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0472 Datasheet HTML 1Page - Renesas Technology Corp F0472 Datasheet HTML 2Page - Renesas Technology Corp F0472 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual Path RF Switch with LNA
and DVGA 2.3GHz to 2.7GHz
F0472
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
May 19, 2020
Description
The F0472 is an integrated dual-path RF front-end consisting of an
RF switch and two gain stages with 6dB gain control used in the
analog front-end receiver of an Active Antenna System (AAS). The
F0472 supports frequencies from 2.3GHz to 2.7GHz.
The F0472 provides 34dB gain with +15dBm OP1dB, and 1.2dB
noise figure (NF). Gain is reduced 6dB in a single step with a
maximum settling time of 35ns. The device uses a single 3.3V
supply and 130mA of IDD.
The F0472 is offered in a 5 × 5 × 0.8 mm, 32-pin package with 50Ω
input and output amplifier impedances for ease of integration into
the signal path.
Typical Applications
Multi-mode, multi-carrier receivers
4.5G (LTE Advanced)
5G NR bands n38, n40, n41
Features
Gain
•
34dB typical in High Gain Mode
•
28dB typical in Low Gain Mode
1.2dB typical NF
OP1dB
•
+15dBm typical in High Gain Mode
•
+14dBm typical in Low Gain Mode
50Ω single-ended input / output amplifier impedances
IDD = 130mA
Independent Standby Mode for power savings
Supply voltage: +3.15V to +3.45V
5 × 5 mm, 32-VFQFPN package
-40°C to +105°C exposed pad operating temperature range
Block Diagram
SW1_CTRL
ATT1_CTRL
STBY1
STBY2
SW2_CTRL
ATT2_CTRL
SW1_IN
SW2_IN


Similar Part No. - F0472

ManufacturerPart #DatasheetDescription
logo
Powerbox
F04 POWERBOX-F04 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
F04 XPPOWER-F04 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F04 XPPOWER-F04 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
22 Jun 2022
logo
Weller Tools
F04 WELLER-F04 Datasheet
42Kb / 2P
Hot air nozzles for HAP1 WMD 3K, WMD 1A, WAD 101, WMA 3V
logo
XP Power Limited
F04/F04CT XPPOWER-F04/F04CT Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - F0472

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
logo
Renesas Technology Corp
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453C RENESAS-F0453C Datasheet
1Mb / 30P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
logo
Renesas Technology Corp
F0453B RENESAS-F0453B Datasheet
2Mb / 33P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
July 13, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com