Electronic Components Datasheet Search
  English  ▼

X  

F1421 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F1421
Description  RF Amplifier 1.7GHz to 2.2GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1421 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F1421 Datasheet HTML 9Page - Renesas Technology Corp F1421 Datasheet HTML 10Page - Renesas Technology Corp F1421 Datasheet HTML 11Page - Renesas Technology Corp F1421 Datasheet HTML 12Page - Renesas Technology Corp F1421 Datasheet HTML 13Page - Renesas Technology Corp F1421 Datasheet HTML 14Page - Renesas Technology Corp F1421 Datasheet HTML 15Page - Renesas Technology Corp F1421 Datasheet HTML 16Page - Renesas Technology Corp F1421 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
© 2018 Integrated Device Technology, Inc.
14
Rev O May 11, 2018
F1421 Datasheet
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot, ringing, etc., the following circuit
at the input of each control pin is recommended. This applies to control pin 8 (STBY). Note the recommended resistor and capacitor values do
not necessarily match the EVKit BOM for the case of poor control signal integrity.
Figure 20. Control Pin Interface for Signal Integrity
STBY
EPAD
1
2
3
4
5
6
13
14
15
16
17
18
Control Circuit
2pF
4.7 kohm
Digital Pin Voltage and Resistance Values
Table 8 provides the open-circuit DC voltage referenced to ground and resistance value for the control pin listed.
Table 8.
Digital Pin Voltages and Resistance
Pin
Name
Open Circuit
DC Voltage
Internal Connection
8
STBY
0V
580kΩ resistor to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com