Electronic Components Datasheet Search
  English  ▼

X  

ICS83021I Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS83021I
Description  2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83021I Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS83021I Datasheet HTML 1Page - Integrated Circuit Systems ICS83021I Datasheet HTML 2Page - Integrated Circuit Systems ICS83021I Datasheet HTML 3Page - Integrated Circuit Systems ICS83021I Datasheet HTML 4Page - Integrated Circuit Systems ICS83021I Datasheet HTML 5Page - Integrated Circuit Systems ICS83021I Datasheet HTML 6Page - Integrated Circuit Systems ICS83021I Datasheet HTML 7Page - Integrated Circuit Systems ICS83021I Datasheet HTML 8Page - Integrated Circuit Systems ICS83021I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
83021AMI
www.icst.com/products/hiperclocks.html
REV. B JUNE 30, 2004
5
Integrated
Circuit
Systems, Inc.
ICS83021I
1-TO-1
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
PARAMETER MEASUREMENT INFORMATION
3.3V OUTPUT RISE/FALL TIME
PROPAGATION DELAY
Clock
Outputs
0.8V
2V
2V
0.8V
tR
t F
DIFFERENTIAL INPUT LEVEL
PART-TO-PART SKEW
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
V
CMR
Cross Points
V
PP
GND
CLK
nCLK
V
DD
tsk(pp)
V
DD
2
V
DD
2
Qx
Qy
PART 1
PART 2
nCLK
CLK
Q0
t
PD
V
DD
2
-1.65V ± 0.15V
1.65V ± 0.15V
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
V
DD
2
Q0
GND
Clock
Outputs
20%
80%
80%
20%
tR
t F
2.5V OUTPUT LOAD AC TEST CIRCUIT
2.5V OUTPUT RISE/FALL TIME
V
DD
SCOPE
Qx
LVCMOS
-1.25V ± 5%
1.25V ± 5%
GND
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com