Electronic Components Datasheet Search
  English  ▼

X  

8034239 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8034239
Description  Integrated motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8034239 Datasheet(HTML) 1 Page - Festo Corporation.

  8034239 Datasheet HTML 1Page - Festo Corporation. 8034239 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Integrated motor
EMCA-EC-67-M-1TE-CO
Part number: 8034239
Data sheet
Feature
Value
KC characters
KC EMC
Type code
EMCA
Controller operating mode
PWM MOSFET power output stage
Cascade controller with
P position controller
PI speed controller
PI current regulator
Rotor position sensor
Absolute encoder, single-turn
Rotor position sensor measuring principle
Magnetic
Protective function
I²t monitoring
Temperature monitoring
Current monitoring
Voltage failure detection
Contouring error monitoring
Software end position detection
Safety function
Safe torque off (STO)
Safety integrity level (SIL)
Safe torque off (STO)/SIL 2
Performance Level (PL)
Safe torque off (STO)/category 3, performance level d
Display
LED
Max. rotational speed
3300 1/min
Nominal rotary speed
3150 1/min
Braking resistor, external
6 Ohm
Diagnostic coverage
90 %
Characteristics of digital logic outputs
Freely configurable in some cases
Not galvanically isolated
Hardware fault tolerance
1
Max. current of digital logic outputs
100 mA
Max. positive test pulse with 0 signal
10000 µs
Max. negative test pulse on 1 signal
600 µs
Motor nominal power
150 W
DC nominal voltage
24 V
Nominal current
7.2 A
Parameterization interface
Ethernet
Protocol
CANopen
SFF safe failure fraction
>90 %
Max. number of positioning sets
64
Rotor position sensor resolution
12 bit
Motor peak power
200 W
2/9/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8034239

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8034238 FESTO-8034238 Datasheet
82Kb / 2P
Integrated motor
More results

Similar Description - 8034239

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMCA-EC-67-M-1TE-EC FESTO-EMCA-EC-67-M-1TE-EC Datasheet
82Kb / 2P
Integrated motor
EMCA-EC-67-M-1TM-CO FESTO-EMCA-EC-67-M-1TM-CO Datasheet
82Kb / 2P
Integrated motor
EMCA-EC-67-M-1TM-DIO FESTO-EMCA-EC-67-M-1TM-DIO Datasheet
82Kb / 2P
Integrated motor
EMCA-EC-67-M-1TM-PN FESTO-EMCA-EC-67-M-1TM-PN Datasheet
84Kb / 3P
Integrated motor
EMCA-EC-67-S-1TE-DIO FESTO-EMCA-EC-67-S-1TE-DIO Datasheet
82Kb / 2P
Integrated motor
EMCA-EC-67-S-1TE-EC FESTO-EMCA-EC-67-S-1TE-EC Datasheet
83Kb / 2P
Integrated motor
EMCA-EC-67-S-1TE-EP FESTO-EMCA-EC-67-S-1TE-EP Datasheet
82Kb / 2P
Integrated motor
EMCA-EC-67-S-1TM-CO FESTO-EMCA-EC-67-S-1TM-CO Datasheet
82Kb / 2P
Integrated motor
EMCA-EC-67-S-1TM-EC FESTO-EMCA-EC-67-S-1TM-EC Datasheet
83Kb / 2P
Integrated motor
EMCA-EC-67-S-1TM-EP FESTO-EMCA-EC-67-S-1TM-EP Datasheet
82Kb / 2P
Integrated motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com