Electronic Components Datasheet Search
  English  ▼

X  

8069730 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8069730
Description  Integrated motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8069730 Datasheet(HTML) 2 Page - Festo Corporation.

  8069730 Datasheet HTML 1Page - Festo Corporation. 8069730 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Motor nominal power
150 W
DC nominal voltage
24 V
Nominal current
7.2 A
Parameterization interface
Ethernet
Protocol
EtherCAT
SFF safe failure fraction
>90 %
Absolute encoder operating time
With external battery: max. 6 months Note: the maximum service life of
the battery depends its state of charge, the ambient temperature and
ageing effects.
Without external battery: 3 days (worst case) up to a maximum of 7 days
(best case) Note: Maximum storage time depends on the charge state of
the internal capacitor, ambient temperature and ageing effects.
Max. number of positioning sets
64
Rotor position sensor resolution
12 bit
Motor peak power
200 W
Peak current
10.3 A
Permissible voltage fluctuations
+/- 20 %
Certificate issuing authority
German Technical Control Board (TÜV) 01/205/5514.00/16
UL E331130
CE marking (see declaration of conformity)
As per EU EMC directive
as per EU machinery directive
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Storage temperature
-25 °C ... 70 °C
Relative air humidity
0 - 95 %
Non-condensing
Degree of protection
IP54
Ambient temperature
0 °C ... 50 °C
Note on ambient temperature
Above an ambient temperature of 20 °C, the power must be reduced by
1.75% per °C.
Certification
RCM compliance mark
c UL us - Recognized (OL)
Rotor mass moment of inertia
0.301 kgcm²
Nominal torque
0.45 Nm
Peak torque
0.91 Nm
Permissible axial shaft load
60 N
Permissible radial shaft load
100 N
PFH
1.0E-9
PFD
1.86E-5
Proof test interval
20 y
Product weight
2260 g
Number of digital logic outputs 24 V DC
2
Number of digital logic inputs
2
Communication profile
CiA402
FHPP
Logic input specification
Based on IEC 61131-2
Work range of logic input
24 V
Characteristics of logic input
Galvanically connected to logic potential
Ethernet, supported protocols
TCP/IP
Input switching logic
PNP (positive switching)
Switching logic at outputs
PNP (positive switching)
Type of mounting
Screwed tightly
With through-hole
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
2/9/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com