Electronic Components Datasheet Search
  English  ▼

X  

F1475 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1475
Description  1W High Linearity RF Amplifier 3300MHz to 4200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1475 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1475 Datasheet HTML 1Page - Renesas Technology Corp F1475 Datasheet HTML 2Page - Renesas Technology Corp F1475 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1W High Linearity RF Amplifier
3300MHz to 4200MHz
F1475
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
May 15, 2020
Description
The F1475 is a high linearity RF Amplifier designed to operate
within the 3300MHz to 4200MHz frequency range. Using a single
5V power supply, the F1475 provides 21dB typical gain and
+30dBm typical OP1dB with a low quiescent current consumption
of 120mA.
The F1475 is packaged in a 3 × 3 mm, 16-pin SMT package, with
matched 50Ω input and output impedances for ease of integration
into the signal path.
Typical Applications
5G Sub-6GHz AAS/Massive MIMO
FDD or TDD Systems
General Purpose RF
Features
Frequency Range: 3300MHz – 4200MHz
21dB typical Gain
+30dBm typical OP1dB
50Ω Single-ended Input and Output Impedances
5V power supply
120mA typical quiescent supply current
1.8V logic compatible Standby mode for power savings
Operating temperature (TEPAD) range: -40°C to +115°C
3 × 3 mm 16-pin SMT package
Block Diagram
Figure 1. Block Diagram
RF_OUT
RF_IN


Similar Part No. - F1475

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F1475 LITTELFUSE-F1475 Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
logo
Renesas Technology Corp
F1475 RENESAS-F1475 Datasheet
309Kb / 2P
1W High Linearity RF Amplifier 1350MHz to 2800MHz
Nov 19, 2021
logo
Littelfuse
F1475-ND LITTELFUSE-F1475-ND Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
logo
Renesas Technology Corp
F1475 RENESAS-F1475_V01 Datasheet
309Kb / 2P
1W High Linearity RF Amplifier 1350MHz to 2800MHz
Nov 19, 2021
More results

Similar Description - F1475

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH202 WJCI-AH202 Datasheet
422Kb / 9P
1W High Linearity Amplifier
AH202 WJCI-AH202_07 Datasheet
332Kb / 9P
1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
1W High Linearity Amplifier
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
1W High Linearity Amplifier
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
1W High Linearity Amplifier
logo
Renesas Technology Corp
F1471 RENESAS-F1471 Datasheet
1Mb / 23P
0.5W High Linearity RF Amplifier 400MHz to 4200MHz
F1495 RENESAS-F1495 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
logo
Qorvo, Inc
TQP7M9103 QORVO-TQP7M9103 Datasheet
648Kb / 24P
1W High Linearity Amplifier
logo
Renesas Technology Corp
F1475 RENESAS-F1475_V01 Datasheet
309Kb / 2P
1W High Linearity RF Amplifier 1350MHz to 2800MHz
Nov 19, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com