Electronic Components Datasheet Search
  English  ▼

X  

F1490 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # F1490
Description  High Gain RF Amplifier 1.8GHz to 5.0GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1490 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button F1490 Datasheet HTML 19Page - Renesas Technology Corp F1490 Datasheet HTML 20Page - Renesas Technology Corp F1490 Datasheet HTML 21Page - Renesas Technology Corp F1490 Datasheet HTML 22Page - Renesas Technology Corp F1490 Datasheet HTML 23Page - Renesas Technology Corp F1490 Datasheet HTML 24Page - Renesas Technology Corp F1490 Datasheet HTML 25Page - Renesas Technology Corp F1490 Datasheet HTML 26Page - Renesas Technology Corp F1490 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
F1490 Datasheet
© 2020 Renesas Electronics Corporation
23
August 17, 2020
Power Supplies
A common VCC power supply should be used for all power supply pins. To minimize noise and fast transients, add de-coupling capacitors to all
supply pins. Supply noise can degrade noise figure. In addition, all control pins should remain at 0V (±0.3V) while the supply voltage ramps or
while it returns to zero.
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot, ringing, etc., the following circuit
is recommended at the input of each control pin. This applies to the GAIN_SEL pin (15) and STBY pin (16) as shown below. Note the
recommended resistor and capacitor values do not necessarily match the EV Kit BOM for the case of poor control signal integrity. For multiple
devices driven by a single control line, the component values will need to be adjusted accordingly so as not to load down the control line.
Figure 38. Control Pin Interface for Signal Integrity
STBY
EPAD
1
2
3
4
9
10
11
12
Bias Controller
5k
Ω
2pF
GAIN_SEL
5k
Ω
2pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com