Electronic Components Datasheet Search
  English  ▼

X  

F1956 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1956
Description  Serial and 6 bit Parallel Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1956 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1956 Datasheet HTML 1Page - Renesas Technology Corp F1956 Datasheet HTML 2Page - Renesas Technology Corp F1956 Datasheet HTML 3Page - Renesas Technology Corp F1956 Datasheet HTML 4Page - Renesas Technology Corp F1956 Datasheet HTML 5Page - Renesas Technology Corp F1956 Datasheet HTML 6Page - Renesas Technology Corp F1956 Datasheet HTML 7Page - Renesas Technology Corp F1956 Datasheet HTML 8Page - Renesas Technology Corp F1956 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
1
Rev 2, July 2017
IDTF1912NCGI
Datasheet
GENERAL DESCRIPTION
This document describes the specification for the IDT
F1912 Digital Step Attenuator. The F1912 is part of a
family of
Glitch-FreeTM DSAs optimized for the
demanding requirements of Base Station (BTS) radio
cards and numerous other non-BTS applications.
These devices are offered in a compact 4mm x 4mm
20 pin QFN package with 50Ω impedances for ease of
integration.
COMPETITIVE ADVANTAGE
Digital step attenuators are used in receivers and
transmitters to provide gain control. The F1912 is a 6-
bit step attenuator optimized for these demanding
applications. The silicon design has very low insertion
loss and low distortion (> +60 dBm IIP3). The device
has pinpoint accuracy. Most importantly, the F1912
includes IDT’s
Glitch-FreeTM technology, which results
in low overshoot and ringing during MSB transitions.
Glitch-FreeTM technology so PA or ADC will not
be damaged during when transitions.
Extremely accurate with low distortion.
Lowest insertion loss for best SNR
APPLICATIONS
 Base Station 2G, 3G, 4G, TDD radio cards
 Repeaters and E911 systems
 Digital Pre-Distortion
 Point to Point Infrastructure
 Public Safety Infrastructure
 WIMAX Receivers and Transmitters
 Military Systems, JTRS radios
 RFID Handheld and Portable Readers
 Cable Infrastructure
ORDERING INFORMATION
FEATURES
 Serial and 6 bit Parallel Interface
 31.5 dB Control Range
 0.5 dB step
Glitch-FreeTM, low transient overshoot
 3.0 V to 5.25 V supply
 1.8 V or 3.3 V control logic
 Attenuation Error < 0.20 dB @ 2 GHz
 Low Insertion Loss < 1.4 dB @ 2 GHz
 Ultra Linear IIP3 > +60 dBm
 IIP2 = +110 dBm typical
 Stable Integral Non-Linearity over temperature
 Low Current Consumption 550 µA typical
 -40 °C to +105 °C operating temperature
 4mm x 4mm Thin QFN 20 pin package
FUNCTIONAL BLOCK DIAGRAM
Part# Details
Part#
Freq Range
(MHz)
Resolution /
Range (dB)
Control
IL
(dB)
Pinout
F1950
150 - 4000
0.25 / 31.75
Parallel &
Serial
1.3
PE43702
PE43701
F1951
100 - 4000
0.50 / 31.5
Serial Only
1.2
HMC305
F1952
100 – 4000
0.50 / 15.5
Serial Only
0.9
HMC305
F1953
400 – 4000
0.50 / 31.5
Parallel &
Serial
1.3
PE4302
DAT-31R5
F1956
1 - 4000
0.25 / 31.75
Parallel &
Serial
1.4
PE43705,
RFSA3715
F1912
1 – 4000
0.50 / 31.5
Parallel &
Serial
1.4
PE4312
PE4302
Decoder
RF1
RF2
D[5:0]
SPI
Bias
CLK DATA LE
VMODE
Glitch-FreeTM
Glitch-FreeTM
IDTF1912NCGI8
0.8 mm height
package
Green
Tape &
Reel
Omit IDT
prefix
RF product Line


Similar Part No. - F1956

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1956 IDT-F1956 Datasheet
7Mb / 23P
7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
7-Bit 0.25 dB Wideband Digital Step Attenuator
F1956 RENESAS-F1956 Datasheet
1Mb / 22P
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
Nov 10, 2022
F1956 RENESAS-F1956 Datasheet
7Mb / 24P
7-Bit 0.25dB Wideband Digital Step Attenuator
April 21, 2023
F1956NBGI RENESAS-F1956NBGI Datasheet
6Mb / 24P
7-Bit 0.25 dB Wideband Digital Step Attenuator
More results

Similar Description - F1956

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
SERIAL-TO-PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX1661-MAX1663 MAXIM-MAX1661-MAX1663 Datasheet
148Kb / 16P
Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
Rev 0; 10/97
logo
Hittite Microwave Corpo...
HMC677LP5 HITTITE-HMC677LP5 Datasheet
218Kb / 8P
6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153_08 Datasheet
385Kb / 16P
SERIAL-TO-PARALLEL INTERFACE
logo
Hittite Microwave Corpo...
HMC677G32 HITTITE-HMC677G32 Datasheet
871Kb / 8P
6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
HMC677LP5 HITTITE-HMC677LP5_10 Datasheet
957Kb / 8P
6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
logo
Texas Instruments
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
SERIAL-TO-PARALLEL INTERFACE
logo
M/A-COM Technology Solu...
MAAD-000523 MA-COM-MAAD-000523 Datasheet
226Kb / 7P
Digital Attenuator, 6-Bit, Serial / Parallel Control
MAAD-000523 MA-COM-MAAD-000523_15 Datasheet
757Kb / 8P
Digital Attenuator, 6-Bit, Serial / Parallel Control
MADR-010410 MA-COM-MADR-010410_15 Datasheet
618Kb / 8P
Module Driver 6-bit Serial/Parallel, Transmit/Receive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com