Electronic Components Datasheet Search
  English  ▼

X  

F1912 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1912
Description  Serial and 6 bit Parallel Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1912 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1912 Datasheet HTML 9Page - Renesas Technology Corp F1912 Datasheet HTML 10Page - Renesas Technology Corp F1912 Datasheet HTML 11Page - Renesas Technology Corp F1912 Datasheet HTML 12Page - Renesas Technology Corp F1912 Datasheet HTML 13Page - Renesas Technology Corp F1912 Datasheet HTML 14Page - Renesas Technology Corp F1912 Datasheet HTML 15Page - Renesas Technology Corp F1912 Datasheet HTML 16Page - Renesas Technology Corp F1912 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
13
Rev 2, July 2017
IDTF1912NCGI
Datasheet
TYPICAL OPERATING CONDITIONS (- 3 -)
Compression at 0 dB and 2 GHz
Compression at 15.5 dB and 2 GHz
Compression at 31.5 dB and 2 GHz
Input IP3 - 0 dB, +22 dBm, 1 MHz Tone Delta, RF1
Input IP3 (Low Side) vs attenuation at 2GHz
Input IP3 (High Side) vs attenuation at 2GHz
-0.3
-0.2
-0.1
0.0
0.1
0.2
18
20
22
24
26
28
30
32
34
Input Power (dBm)
-40 C
+25 C
+105 C
-0.3
-0.2
-0.1
0.0
0.1
0.2
18
20
22
24
26
28
30
32
34
Input Power (dBm)
-40 C
+25 C
+105 C
-0.3
-0.2
-0.1
0.0
0.1
0.2
18
20
22
24
26
28
30
32
34
Input Power (dBm)
-40 C
+25 C
+105 C
40
45
50
55
60
65
70
75
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Frequency (GHz)
IIP3-LS
IIP3-HS
40
45
50
55
60
65
70
75
80
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
-40 C / Pin = 10 dBm/Tone
-40 C / Pin = 15 dBm/Tone
+25 C / Pin = 10 dBm/Tone
+25 C / Pin = 15 dBm/Tone
+105 C / Pin = 10 dBm/Tone
+105 C / Pin = 15 dBm/Tone
40
45
50
55
60
65
70
75
80
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
-40 C / Pin = 10 dBm/Tone
-40 C / Pin = 15 dBm/Tone
+25 C / Pin = 10 dBm/Tone
+25 C / Pin = 15 dBm/Tone
+105 C / Pin = 10 dBm/Tone
+105 C / Pin = 15 dBm/Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com