Electronic Components Datasheet Search
  English  ▼

X  

F2250 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # F2250
Description  Low Insertion Loss: 1.4dB @ 2000MHz 33.6dB Attenuation Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2250 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button F2250 Datasheet HTML 17Page - Renesas Technology Corp F2250 Datasheet HTML 18Page - Renesas Technology Corp F2250 Datasheet HTML 19Page - Renesas Technology Corp F2250 Datasheet HTML 20Page - Renesas Technology Corp F2250 Datasheet HTML 21Page - Renesas Technology Corp F2250 Datasheet HTML 22Page - Renesas Technology Corp F2250 Datasheet HTML 23Page - Renesas Technology Corp F2250 Datasheet HTML 24Page - Renesas Technology Corp F2250 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
22
REV 4, January 2017
F2250NLGK
Datasheet
EVKIT PICTURE / LAYOUT (TOP SIDE)
RF2
RF1
VCTRL
VDD
Short GND pin to VMODE pin to set
for negative attenuation slope. For
positive attenuation slope move
shorting shunt from VMODE to VHI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com