Electronic Components Datasheet Search
  English  ▼

X  

F2480 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # F2480
Description  Broadband RF Analog VGA 400 to 3000 MHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2480 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button F2480 Datasheet HTML 27Page - Renesas Technology Corp F2480 Datasheet HTML 28Page - Renesas Technology Corp F2480 Datasheet HTML 29Page - Renesas Technology Corp F2480 Datasheet HTML 30Page - Renesas Technology Corp F2480 Datasheet HTML 31Page - Renesas Technology Corp F2480 Datasheet HTML 32Page - Renesas Technology Corp F2480 Datasheet HTML 33Page - Renesas Technology Corp F2480 Datasheet HTML 34Page - Renesas Technology Corp F2480 Datasheet HTML 35Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
F2480 Datasheet
© 2017 Integrated Device Technology, Inc.
32
March23,2017
Package Drawings
Figure 87. Package Outline Drawing (5 x 5 x 0.75 mm 32-pin TQFN), NBG32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com