Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F2934 Datasheet HTML 1Page - Renesas Technology Corp F2934 Datasheet HTML 2Page - Renesas Technology Corp F2934 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
F2934 Short-Form Datasheet
© 2020 Renesas Electronics Corporation
2
May 11, 2020
Ordering Information
Orderable Part Number
Description and Package
Carrier Type
Temperature
F2934NTGI
3
 3 mm 16-VFQFPN
Tray
-40°C to +105°C
F2934NTGI8
3
 3 mm 16-VFQFPN
Reel
-40°C to +105°C
F2934EVB
Evaluation Board
Revision History
Revision Date
Description of Change
May 11, 2020
Initial release.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com