Electronic Components Datasheet Search
  English  ▼

X  

F2950 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2950
Description  High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2950 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2950 Datasheet HTML 1Page - Renesas Technology Corp F2950 Datasheet HTML 2Page - Renesas Technology Corp F2950 Datasheet HTML 3Page - Renesas Technology Corp F2950 Datasheet HTML 4Page - Renesas Technology Corp F2950 Datasheet HTML 5Page - Renesas Technology Corp F2950 Datasheet HTML 6Page - Renesas Technology Corp F2950 Datasheet HTML 7Page - Renesas Technology Corp F2950 Datasheet HTML 8Page - Renesas Technology Corp F2950 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
F2950 Datasheet
© 2017 Integrated Device Technology, Inc.
3
Rev O August 8, 2017
Absolute Maximum Ratings
Stresses beyond those listed below may cause permanent damage to the device. Functional operation of the device at these or any other
conditions beyond those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VCC to GND
VCC
-0.3
+6.0
V
VCTL to GND
VLOGIC
-0.3
Lower of
(VCC + 0.3, 3.9)
V
RF1, RF2, RFC to GND
VRF
-0.3
+0.3
V
Maximum Input CW Power,
ZS = ZL = 50Ω,
TEP = 25°C, VCC = 5.25V
(any port, insertion loss state) [a]
100MHz ≤ fRF ≤ 200MHz
PABSCW1
28
dBm
200MHz < fRF ≤ 500MHz
PABSCW2
29
500MHz < fRF ≤ 1GHz
PABSCW3
30
1GHz < fRF ≤ 6GHz
PABSCW4
31
fRF > 6GHz
PABSCW5
30
Maximum Peak Power,
ZS = ZL = 50Ω,
TEP = 25°C, VCC = 5.25V
(any port, insertion loss state) [a], [b]
100MHz ≤ fRF ≤ 200MHz
PABSPK1
35
dBm
200MHz < fRF ≤ 500MHz
PABSPK2
36
500MHz < fRF ≤ 1GHz
PABSPK3
37
1GHz < fRF ≤ 6GHz
PABSPK4
38
fRF > 6GHz
PABSPK5
37
Maximum Junction Temperature
TJMAX
+140
°C
Storage Temperature Range
TSTOR
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
2000
(Class C2)
V
Electrostatic Discharge – CDM
(JEDEC 22-C101F)
VESDCDM
500
(Class C2)
V
[a] TEP is the temperature of the exposed paddle.
[b] 5% duty cycle of 4.6ms period in a 50Ω environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com