Electronic Components Datasheet Search
  English  ▼

X  

5001 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 5001
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5001 Datasheet(HTML) 2 Page - Renesas Technology Corp

  5001 Datasheet HTML 1Page - Renesas Technology Corp 5001 Datasheet HTML 2Page - Renesas Technology Corp 5001 Datasheet HTML 3Page - Renesas Technology Corp 5001 Datasheet HTML 4Page - Renesas Technology Corp 5001 Datasheet HTML 5Page - Renesas Technology Corp 5001 Datasheet HTML 6Page - Renesas Technology Corp 5001 Datasheet HTML 7Page - Renesas Technology Corp 5001 Datasheet HTML 8Page - Renesas Technology Corp 5001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
F2932
High Reliability SP2T RF Switch
2
F2932, Rev 1 05/12/2016
ABSOLUTE MAXIMUM RATINGS
Parameter / Condition
Symbol
Min
Max
Unit
VDD to GND
VDD
-0.3
+6.0
V
VCTL, EN to GND
Vlogic
-0.3
Lower of
3.6, VDD+0.3
V
RF1, RF2, RFC to GND
VRF
-0.3
+0.3
V
RF Input Power
1
RF1 or RF2 as an input
(Connected to RFC)
PRF12
36
dBm
RFC as an input
(Connected to RF1 or RF2)
PRFC
36
RFC as an input
(All off state)
PRFC_OFF
30
RF1 or RF2 as input
(Terminated states)
PRF12_TERM
30
RF1 and RF2 as inputs
(All Off State)
PRF12_OFF
30
2
Maximum Junction Temperature
TJmax
+140
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
ESD Voltage– HBM (Per JESD22-A114)
VESDHBM
Class 2 (2500V)
ESD Voltage – CDM (Per JESD22-C101)
VESDCDM
Class C3 (1000V)
Note 1: VDD = 2.7 V to 5.5 V, 50 MHz ≤ FRF ≤ 8000 MHz, Tc= 105 ºC, ZS = ZL = 50 ohms.
Note 2: Each port.
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
60 °C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
3.9 °C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com