Electronic Components Datasheet Search
  English  ▼

X  

FMSB40B Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # FMSB40B
Description  SURFACE MOUNT BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

FMSB40B Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  FMSB40B Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. FMSB40B Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. FMSB40B Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES:
Glass Passivated Chip Junction
• Reverse Voltage - 100 to 1000 V
• Forward Current - 4.0 A
•
• Designed for Surface Mount Application
•
Fast reverse recovery time
MECHANICAL DATA
• Case : DBF (UMSB)
• Terminals: Solderable per MIL-STD-750, Method 2026
A
•
pprox. Weight: 0.234g / 0.00825oz
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Forward Voltage at 4.0 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum DC Reverse Current
T = 25
°C
at Rated DC Blocking Voltage
T =125
°C
a
a
Typical Junction Capacitance
(Note1)
VRRM
VRMS
VDC
IO
VF
IR
FMSB40B
V
V
V
4.0
95
1.3
5.0
200
50
-55 ~ +150
A
A
V
μA
pF
°C
Maximum Ratings and Electrical characteristics
Units
Cj
T , T
j
stg
Symbols
Average Rectified Output Current
at T = 115
°C
c
100
200
400
600
800
100
200
400
600
800
70
140
280
420
560
Maximum Reverse Recovery Time
(Note3)
150
ns
trr
Note:
2. Mounted on glass epoxy PC board with 4
×
×
(
×
)copper pad.
.
1.
3
Measured at 1 MHz and applied reverse voltage of 4 V D.C
1.5" 1.5"
3.81 3.81 cm
Measured with I = 0.5 A, I = 1 A, I = 0.25 A .
F
R
rr
IFSM
1000
1000
700
60
15
25
Typical Thermal Resistance
(Note2)
°C/W
RθJA
R
θJC
R
θJL
FMSB40D FMSB40G FMSB40J
FMSB40K FMSB40M
250
500
Output Cathode(-)
PINNING
PIN
1
2
DESCRIPTION
3
4
Output Anode(+)
Input Pin(~)
Input Pin(~)
4
3
2
1
DBF(U MSB) Package
+
-
~
~
(2)
(1)
(3)
(4)
FMSB40B THRU FMSB40M
SURFACE MOUNT BRIDGE RECTIFIERS
http://www.trr-jx.com
version: 02


Similar Part No. - FMSB40B

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FMSB40B YFWDIODE-FMSB40B Datasheet
460Kb / 3P
4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??4.0A
FMSB40B YFWDIODE-FMSB40B_V01 Datasheet
381Kb / 3P
4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage
More results

Similar Description - FMSB40B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF301 JUXING-TMBF301 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com