Electronic Components Datasheet Search
  English  ▼

X  

F2971 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F2971
Description  75廓 SP2T RF Switch 5MHz to 3000MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2971 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F2971 Datasheet HTML 10Page - Renesas Technology Corp F2971 Datasheet HTML 11Page - Renesas Technology Corp F2971 Datasheet HTML 12Page - Renesas Technology Corp F2971 Datasheet HTML 13Page - Renesas Technology Corp F2971 Datasheet HTML 14Page - Renesas Technology Corp F2971 Datasheet HTML 15Page - Renesas Technology Corp F2971 Datasheet HTML 16Page - Renesas Technology Corp F2971 Datasheet HTML 17Page - Renesas Technology Corp F2971 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
F2971 Datasheet
© 2018 Integrated Device Technology, Inc.
16
Rev O, April 24, 2018
Evaluation Kit (EVKit) Operation
External Supply Setup
Set up a VCC power supply in the voltage range of 2.7V to 3.6V with the power supply output disabled.
Logic Control Setup
External logic control is applied to J8 CTL1 (pins 5 and 7) and CTL2 (pins 9 and 11). See Table 8 for the logic truth table.
Turn On Procedure
Setup the supplies and EVKIT as noted in the “External Supply Setup” and “Logic Control Setup” sections above.
Enable the VCC supply.
Set the desired logic setting to achieve the desired configuration (see Table 8). Note that external control logic should not be applied without
VCC being present.
Turn Off Procedure
Set the logic control to 0V.
Disable the VCC supply.
Package Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available and is subject to change without notice or revision of this document.
www.idt.com/document/psc/20-qfn-package-outline-drawing-40-x-40-x-075-mm-body-05mm-pitch-epad-206-x-206-mm-ncg20p1
Marking Diagram
IDTF29
71NCGK
ZEYWWPBG
Line 1 and 2 are the part number.
Line 3 - “ZE” is for the die version.
Line 3 - “YWW” is the last digit of the year plus the work week.
Line 3 - “PBG” denotes the production process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com