Electronic Components Datasheet Search
  English  ▼

X  

F5288 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F5288
Description  Transmit/Receive Half Duplex IC 26.5GHz to 29.5GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F5288 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F5288 Datasheet HTML 1Page - Renesas Technology Corp F5288 Datasheet HTML 2Page - Renesas Technology Corp F5288 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transmit/Receive Half Duplex IC
26.5GHz to 29.5GHz
F5288
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
May 19, 2020
Description
The F5288 is an eight-channel TRX half-duplex silicon IC designed
using a SiGe BiCMOS process for 28GHz dual polarization 5G
phased-array applications. The core IC has very flexible gain and
phase control on each channel to achieve fine beam steering and
gain compensation between radiating channels. The core design
includes standard SPI protocol that operates up to 50MHz with fast-
beam switching and fast beam-state loading.
Typical Applications
5G Dual Polarization Phased-Array
Beam Steering
Block Diagram
Features
26.5-29.5GHz operation
8 radiation channels
100ns typical TX/RX mode switching time
20ns typical gain and phase settling time
31.5dB gain attenuation range
4-bit chip address
Integrated PTAT with external biasing
Internal temperature sensor
Internal power detection
Up to 50MHz SPI control
2048 on-chip programmable beam states
Supply voltage: +2.3V to +2.7V
4.2 mm × 5.5 mm, 80-BGA package
-40°C to +95°C ambient operating temperature range
50°C typical ambient operating temperature
SPI
RF1_V
RF1_H
RF2_H
RF2_V
RF4_V
RF4_H
RF3_H
RF3_V
RFC_V
RFC_H
MEMORY


Similar Part No. - F5288

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
F528 IRCTT-F528 Datasheet
209Kb / 2P
U.L. Approved Dual Function Fuse Resistors
logo
TT Electronics.
F528 TTELEC-F528 Datasheet
347Kb / 2P
Dual Function Fuse Resistors
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
logo
Renesas Technology Corp
F5280 RENESAS-F5280 Datasheet
230Kb / 3P
Transmit/Receive Half-Duplex IC 25GHz to 31GHz
logo
Integrated Device Techn...
F5280AVGK IDT-F5280AVGK Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
More results

Similar Description - F5288

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
ATMEL Corporation
T0980 ATMEL-T0980 Datasheet
264Kb / 8P
SiGe Transmit/ Receive Frontend IC
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
logo
Renesas Technology Corp
F5268 RENESAS-F5268 Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5280 RENESAS-F5280 Datasheet
230Kb / 3P
Transmit/Receive Half-Duplex IC 25GHz to 31GHz
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com