Electronic Components Datasheet Search
  English  ▼

X  

F5728 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F5728
Description  mmWave Upconverter/Downconverter 24GHz to 30GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F5728 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F5728 Datasheet HTML 1Page - Renesas Technology Corp F5728 Datasheet HTML 2Page - Renesas Technology Corp F5728 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
mmWave Upconverter/Downconverter
24GHz to 30GHz
F5728
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
May 12, 2020
2x
2x
EXTLO
RF
T/R Switch
TX
Driver
Image Rejection
Mixer
SSB Mixer
TX IF
0.25dB Step
20dB Range
VGA
Doubler
Bypass
LO
Doubler
LO
Doubler
LO
Driver
LO
Amp
LO Switch
Bias Control
Circuitry
[Servicing All
Active Blocks]
SDI
CLK
CSB
DVCC
STBY
TRX_SEL
RX
INT_LO
Temp
Sensor
TX
INT_LO
TXIF
RX IF
0.25dB Step
20dB Range
VGA
TX RF
1dB Step
10dB Range
VGA
RX RF
1dB Step
10dB Range
VGA
RXIF
SDO
REXT
RESET
ADD1
ADD3
ADD2
Control Lines
VCC
Description
The F5728 is a highly integrated RF upconverter/downconverter
used in 5G beamforming applications targeting the 26GHz and
28GHz bands. The device uses classic Tx and Rx heterodyne
architectures to convert 3GHz to 9GHz IF signals to the 5G NR
(new radio) millimeter wave (mmWave) bands spanning the 24GHz
to 30GHz spectrum. Low-side local oscillator (LO) injection is used
for both bands, with the F5728’s Tx and Rx mixer cores supporting
internal LO frequencies ranging between 15GHz and 27GHz. LO
feed requirements are eased by the device’s two sequential on-
chip LO frequency doublers which yield net multiplicative factors of
either 2x or 4x.
All RF, IF, and LO ports use single-ended 50Ω impedances for
ease of integration into the signal path. Each device uses a single
2.5V analog supply with 280mA and 250mA of ICC in the Tx and Rx
modes, respectively. The digital core and SPI utilize a separate
1.8V supply.
The F5728 is packaged in 4.0 × 4.0 mm, 49-BGA package and is
rated for operation over the -40°C to 105°C temperature range.
Typical Applications
5G phased arrays
Massive MIMO
Features
General
RF range: 24GHz to 30GHz
IF range: 3GHz to 9GHz
Two integrated LO frequency doublers
Operating temperature (TA) range: -40°C to +105°C
4.0 × 4.0 mm, 49-BGA package
Transmit Mode
25dB conversion gain
+16dBm OP1dB
30dB of Glitch-FreeTM gain adjustment
20dB IF adjustment in 0.25dB steps
10dB RF adjustment in 1dB steps
ICC = 280mA with a 2.5V analog supply voltage (quiescent)
Receive Mode
22dB conversion gain
7dB noise figure
30dB of Glitch-FreeTM gain adjustment
20dB IF adjustment in 0.25dB steps
10dB RF adjustment in 1dB steps
ICC = 250mA with a 2.5V analog supply voltage
Block Diagram


Similar Part No. - F5728

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
F57-102000-K000G SLPOWER-F57-102000-K000G Datasheet
20Kb / 2P
F57 UK Desktop Unregulated 20 Watts Series
F57-111818-K000G SLPOWER-F57-111818-K000G Datasheet
20Kb / 2P
F57 UK Desktop Unregulated 20 Watts Series
F57-121667-K000G SLPOWER-F57-121667-K000G Datasheet
20Kb / 2P
F57 UK Desktop Unregulated 20 Watts Series
F57-141429-K000G SLPOWER-F57-141429-K000G Datasheet
20Kb / 2P
F57 UK Desktop Unregulated 20 Watts Series
F57-151333-K000G SLPOWER-F57-151333-K000G Datasheet
20Kb / 2P
F57 UK Desktop Unregulated 20 Watts Series
More results

Similar Description - F5728

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-5001 HP-HPMX-5001 Datasheet
171Kb / 15P
1.5-2.5 GHz Upconverter/ Downconverter
logo
Intersil Corporation
HSP50307EVAL1 INTERSIL-HSP50307EVAL1 Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
1999 02
logo
Maxim Integrated Produc...
MAX2660 MAXIM-MAX2660 Datasheet
234Kb / 16P
400MHz to 2.5GHz Upconverter Mixers
19-1382; Rev 1; 9/99
logo
Intersil Corporation
HFA3661 INTERSIL-HFA3661 Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
February 1999
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
logo
United Monolithic Semic...
CHT4690-QAG UMS-CHT4690-QAG Datasheet
486Kb / 14P
5-30GHz ATTENUATOR
logo
Texas Instruments
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
logo
United Monolithic Semic...
CHT4690-QAG UMS-CHT4690-QAG_15 Datasheet
314Kb / 14P
5-30GHz ATTENUATOR
logo
Analog Devices
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com