Electronic Components Datasheet Search
  English  ▼

X  

GLS85LS1016P Datasheet(PDF) 1 Page - Greenliant systems

Part # GLS85LS1016P
Description  Industrial Grade SATA NANDrive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1016P Datasheet(HTML) 1 Page - Greenliant systems

  GLS85LS1016P Datasheet HTML 1Page - Greenliant systems GLS85LS1016P Datasheet HTML 2Page - Greenliant systems GLS85LS1016P Datasheet HTML 3Page - Greenliant systems GLS85LS1016P Datasheet HTML 4Page - Greenliant systems GLS85LS1016P Datasheet HTML 5Page - Greenliant systems GLS85LS1016P Datasheet HTML 6Page - Greenliant systems GLS85LS1016P Datasheet HTML 7Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Factsheet 02.100
July 2018
These specifications are subject to change without notice.
07/10/2018
© 2018 Greenliant
1
S71445-F
GLS85LS1016P / 1032P
Industrial Grade
SATA NANDrive™
Features
• Industry Standard Serial ATA (SATA) Host
Interface
-
SATA 1.5Gb/s
1)
-
ATA/ATAPI-8 compliant
-
Supports 48-bit address feature set
• Performance
-
Sequential data read -
Up to 120 MByte/sec*
-
Sequential data write -
Up to 80 MByte/sec*
* measured using 128 KByte transfer size
• Power Management
-
3.3V and 1.2Vpower supply
-
Host SATA interface power management
-
Immediate disabling of unused circuitry
without host intervention
• Power Specifications 2)
-
Active mode:
855mW typical (GLS85LS1032P)
590mW typical (GLS85LS1016P)
-
Idle Standby mode:
210mW typical
-
Sleep mode:
70mW typical
• Integrated Voltage Detector
-
Detects supply voltage fluctuations and
generates reset during power-up and power-
down to prevent inadvertent writes
• Supports SMART Commands
• 20-Byte Serial Number
-
Factory pre-programmed 10-Byte unique ID
-
User-programmable 10-Byte ID
• Robust Built-in ECC
• NAND Configuration
-
1 bit per cell (SLC)
• Industrial Temperature Range
-
-40°C to 85°C
• FBGA package
-
14.0 mm x 24.0 mm x 1.95 mm, 145-ball,
1.0 mm ball pitch, FZJE
• All Devices are RoHS Compliant
1)
Current product revision supports SATA Revision 1.x with
host transfer rate of up to 1.5 Gb/s (i.e. SATA 1.5Gb/s).
2)
For management of the Sleep Mode, refer to “SATA
NANDrive Application Design Guide.”
Product Description
The GLS85LS1016P / 1032P Industrial Grade SATA
NANDrive™ devices (referred to as “SATA NANDrive”
in this factsheet) are fully integrated solid state drives.
They
combine
an
advanced
Greenliant
NAND
controller and 16 or 32 GByte of NAND flash in a
multi-chip package. These products are ideal for
embedded and portable applications that require
smaller form-factor and more reliable data storage.
SATA-interface solid state mass storage technology is
widely used in portable and industrial computers, set-
top boxes, multi-functional printers, point-of-sales
terminals,
video
and
audio
recorders,
medical
instruments and car infotainment systems.
SATA NANDrive is a single device, solid state drive
(SSD) that provides the functionality and compatibility
of a complete SATA hard disk drive (HDD) in a 14 mm
x 24 mm BGA package for easy, space saving
mounting to a system motherboard. These products
surpass traditional storage in their small size, security,
reliability, ruggedness and low power consumption.
The integrated NAND flash controller with built-in
advanced
NAND
management
firmware
communicates with the host through the standard
SATA protocol. It does not require any additional or
proprietary software such as the Flash File System
(FFS) and Memory Technology Driver (MTD).
SATA NANDrive is pre-programmed with a 10-Byte
unique serial ID and has the option of programming
an additional 10-Byte serial ID for even greater
system security.
SATA NANDrive’s advanced NAND management
technology enhances data reliability and security,
improves endurance and accurately estimates the
remaining life of the NAND flash devices. This
innovative
technology
combines
robust
NAND
controller hardware error correction capabilities with
advanced wear-leveling algorithms and bad block
management to significantly extend the life of the
product.
SATA NANDrive devices are offered in a 145-ball
BGA, 1 mm ball pitch package.


Similar Part No. - GLS85LS1016P

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS85LS1016C GREENLIANT-GLS85LS1016C Datasheet
159Kb / 8P
Industrial Temp SATA NANDrive
GLS85LS1016C-M-I-1S-ED114 GREENLIANT-GLS85LS1016C-M-I-1S-ED114 Datasheet
159Kb / 8P
Industrial Temp SATA NANDrive
GLS85LS1016E-S-I-1S-ED110 GREENLIANT-GLS85LS1016E-S-I-1S-ED110 Datasheet
144Kb / 7P
Industrial Grade SATA NANDrive
GLS85LS1016G-S-I-1S-ED111 GREENLIANT-GLS85LS1016G-S-I-1S-ED111 Datasheet
150Kb / 7P
Industrial Grade SATA NANDrive EX Series
GLS85LS1016Q-S-I-1S-ED115 GREENLIANT-GLS85LS1016Q-S-I-1S-ED115 Datasheet
150Kb / 7P
Industrial Grade SATA NANDrive EX Series
More results

Similar Description - GLS85LS1016P

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS85VM10XXG GREENLIANT-GLS85VM10XXG Datasheet
108Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM1004G GREENLIANT-GLS85VM1004G Datasheet
167Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM1002E GREENLIANT-GLS85VM1002E Datasheet
166Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85LS1XXXG GREENLIANT-GLS85LS1XXXG Datasheet
150Kb / 7P
Industrial Grade SATA NANDrive EX Series
GLS85LS1008C GREENLIANT-GLS85LS1008C Datasheet
159Kb / 8P
Industrial Temp SATA NANDrive
GLS85LS1002P GREENLIANT-GLS85LS1002P Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1002E GREENLIANT-GLS85LS1002E Datasheet
144Kb / 7P
Industrial Grade SATA NANDrive
GLS85LP1001P GREENLIANT-GLS85LP1001P Datasheet
193Kb / 6P
Industrial Grade PATA NANDrive
GLS85LP0512P GREENLIANT-GLS85LP0512P Datasheet
122Kb / 8P
Industrial Grade PATA NANDrive
GLS85LD1001T GREENLIANT-GLS85LD1001T Datasheet
340Kb / 8P
Industrial Grade PATA NANDrive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com