Electronic Components Datasheet Search
  English  ▼

X  

GLS37VF040 Datasheet(PDF) 13 Page - Greenliant systems

Part # GLS37VF040
Description  Many-Time Programmable Flash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS37VF040 Datasheet(HTML) 13 Page - Greenliant systems

Back Button GLS37VF040 Datasheet HTML 9Page - Greenliant systems GLS37VF040 Datasheet HTML 10Page - Greenliant systems GLS37VF040 Datasheet HTML 11Page - Greenliant systems GLS37VF040 Datasheet HTML 12Page - Greenliant systems GLS37VF040 Datasheet HTML 13Page - Greenliant systems GLS37VF040 Datasheet HTML 14Page - Greenliant systems GLS37VF040 Datasheet HTML 15Page - Greenliant systems GLS37VF040 Datasheet HTML 16Page - Greenliant systems GLS37VF040 Datasheet HTML 17Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
1 Mbit / 2 Mbit / 4 Mbit Many-Time Programmable Flash
GLS37VF010 / GLS37VF020 / GLS37VF040
13
©2010 Greenliant Systems, Ltd.
S71151-11-000
05/10
PRODUCT ORDERING INFORMATION
Valid combinations for GLS37VF010
GLS37VF010-70-3C-NHE GLS37VF010-70-3C-WHE
GLS37VF010-70-3C-PHE
Valid combinations for GLS37VF020
GLS37VF020-70-3C-NHE GLS37VF020-70-3C-WHE
GLS37VF020-70-3C-PHE
Valid combinations for GLS37VF040
GLS37VF040-70-3C-NHE GLS37VF040-70-3C-WHE
GLS37VF040-70-3C-PHE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your Greenliant sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
* Not recommended for new designs.
Environmental Attribute
E1 = non-Pb
Package Modifier
H = 32 pins or leads
Package Type
N = PLCC
P = PDIP
W = TSOP (type 1, die up, 8mm x 14mm)
Operating Temperature
C = Commercial = 0° to +70°C
Minimum Endurance
3 = 1,000 cycles
Read Access Speed
70 = 70 ns
Device Density
040 = 4 Mbit
020 = 2 Mbit
010 = 1 Mbit
Voltage
V = 2.7-3.6V
Product Series
37 = Many-Time Programmable Flash
Flash memories with flash pinout
1. Environmental suffix “E” denotes non-Pb solder.
Greenliant non-Pb solder devices are “RoHS Compli-
ant”.
GLS
37
VF
040
-
70
-
3C
-
NH
E
XX XX XXXX
- XXX
-XX -XXX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com