Electronic Components Datasheet Search
  English  ▼

X  

GLS29EE010 Datasheet(PDF) 4 Page - Greenliant systems

Part # GLS29EE010
Description  1 Mbit (128K x8) Page-Write EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS29EE010 Datasheet(HTML) 4 Page - Greenliant systems

  GLS29EE010 Datasheet HTML 1Page - Greenliant systems GLS29EE010 Datasheet HTML 2Page - Greenliant systems GLS29EE010 Datasheet HTML 3Page - Greenliant systems GLS29EE010 Datasheet HTML 4Page - Greenliant systems GLS29EE010 Datasheet HTML 5Page - Greenliant systems GLS29EE010 Datasheet HTML 6Page - Greenliant systems GLS29EE010 Datasheet HTML 7Page - Greenliant systems GLS29EE010 Datasheet HTML 8Page - Greenliant systems GLS29EE010 Datasheet HTML 9Page - Greenliant systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
Data Sheet
1 Mbit Page-Write EEPROM
GLS29EE010
©2010 Greenliant Systems, Ltd.
S71061-15-001
05/10
Please refer to the following Application Notes for more
information on using SDP:
•
Protecting Against Unintentional Writes When
Using Single Power Supply Flash Memories
•
The Proper Use of JEDEC Standard Software
Data Protection
Product Identification
The Product Identification mode identifies the device
as the GLS29EE010 and manufacturer as Greenliant.
This mode is accessed via software. For details, see
Table 4, Figure 12 for the software ID entry and read
timing diagram and Figure 19, for the ID entry com-
mand sequence flowchart.
Product Identification Mode Exit
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Software ID Exit (reset) opera-
tion, which returns the device to the Read operation. The
Reset operation may also be used to reset the device to
the Read mode after an inadvertent transient condition that
apparently causes the device to behave abnormally, e.g.,
not read correctly. See Table 4 for software command
codes, Figure 13 for timing waveform, and Figure 19 for a
flowchart.
FIGURE 1: Functional Block Diagram
TABLE 1: Product Identification
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
GLS29EE010
0001H
07H
T1.4 1061
Y-Decoder and Page Latches
I/O Buffers and Data Latches
1061 B1.0
Address Buffer & Latches
X-Decoder
DQ7 - DQ0
A16 - A0
WE#
OE#
CE#
SuperFlash
Memory
Control Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com