Electronic Components Datasheet Search
  English  ▼

X  

KBPR410 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # KBPR410
Description  FAST RECOVERY BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KBPR410 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KBPR410 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KBPR410 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DATA
Case: Molded plastic, KBP
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance Junction to Ambient and form junction to lead at 0.375"(9.5mm) lead length P.C.B. Mounted.
KBPR4005 THRU KBPR410
KBP
http://www.trr-jx.com
version: 02
FEATURES
· Reliable low cost construction utilizing molded
plastic technique
· Ideal for printed circuit board
· Fast switching
· Low reverse leakage current
· High surge current capability
· UL Recognized File # E469616
· Glass passivated chip junction
Weight: 0.05
3
ounce, 1. 5gram
2
I t Rating for fusing (3ms t
8.3ms)
≤ ≤
Maximum DC Blocking Voltage
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward
Rectified Current @TC=100°C
V
V
V
4.0
-55 ~ +150
A
A
V
uA
°C
Units
Peak Forward Surge Current
8.3ms single half sine-wave
Maximum Forward Voltage at 4.0A DC
Maximum DC Reverse Current at
rated Blocking Voltage
Operating Junction Temperature Range
T = 25
°C
j
T =125
°C
j
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
Tj
SYMBOL
Tstg
Storage Temperature Range
1.3
-55 ~ +150
°C
1000
700
1000
5
200
15
6
8
Typical thermal resistance
(Unit mounted on 75mmx75mmx1.6mm
Copper plate heat sink.)
°C/W
RθJA
R
θJC
R
θJL
Typical Junction Capacitance per element
(Note 1)
pF
Cj
80
2
A S
2
I t
41.5
KBPR 410
(With heat sink)
100
500
ns
Maximum Reverse Recovery Time(NOTE 2)
trr
+ ~ ~ -
FAST RECOVERY BRIDGE RECTIFIERS


Similar Part No. - KBPR410

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
KBP YENYO-KBP Datasheet
462Kb / 1P
Dimensions in inches and
logo
TE Connectivity Ltd
KBP TEC-KBP Datasheet
510Kb / 2P
General Purpose Relays Industrial Relays
KBP-11A-120 TEC-KBP-11A-120 Datasheet
510Kb / 2P
General Purpose Relays Industrial Relays
KBP-11AG-120 TEC-KBP-11AG-120 Datasheet
510Kb / 2P
General Purpose Relays Industrial Relays
KBP-11DG-110 TEC-KBP-11DG-110 Datasheet
510Kb / 2P
General Purpose Relays Industrial Relays
More results

Similar Description - KBPR410

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR1500 EIC-FBR1500 Datasheet
43Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FBR2500 EIC-FBR2500 Datasheet
20Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FBR600 EIC-FBR600 Datasheet
19Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FBR800 EIC-FBR800 Datasheet
19Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FKBL400 EIC-FKBL400 Datasheet
21Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FKBP200 EIC-FKBP200 Datasheet
21Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
FBR3500W EIC-FBR3500W Datasheet
49Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
RYBS80005 NIUHANG-RYBS80005 Datasheet
234Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
logo
Central Semiconductor C...
PDN01090 CENTRAL-PDN01090 Datasheet
286Kb / 4P
Bridge Rectifiers, Fast Recovery
logo
EIC discrete Semiconduc...
FBR5000 EIC-FBR5000_V01 Datasheet
81Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com