Electronic Components Datasheet Search
  English  ▼

X  

KBU4 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # KBU4
Description  BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KBU4 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KBU4 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KBU4 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.5-TYPICAL JUNCTION CAPACITANCE PER ELEMENT
REVERSE VOLTAGE,(V)
200
50
0.1
1.0
10
100
10
150
25
KBU4
TJ=25℃
10
1.0
0.1
0.01
20
40
60
0
8
100
120 140
TA=25
TC=100℃
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
KBU8
KBU6
KBU4
HEAT SINK
MOUNTING
MOUNTEDON 4*4 INCH
COPPER PC BOARD.TA
.51(1.27mm)LEAD LENGTH
0
8.
6.
4.0
2.0
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE, (
℃)
KBU6/8
KBU4
TJ=25℃
PULSEWIDTH=300S
1%DUTY CYCLES
0.1
40
2
10
4.0
1.0
0.4
0.2
100
0.8
0.9
1.0
1.1
1.2
1.3
0.7
0.6
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTIC
INSTANEOUS FORWARD VOLTAGE,(V)
FIG.3-MAXIMUM NON-RETETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
TJ=25
℃
8.3ms SINGLE HALF
SINE-WAVE
JEDEC
KBU8
KBU6
KBU4
20
150
0
170
10
100
0
KBU8
TJ=25℃
KBU6
REVERSE VOLTAGE , (V)
1
400
100
50
10
5
10
50
100
Characteristic Curves (TA=25 ℃ unless otherwise noted)
KBU 4 /6 /8
BRIDGE RECTIFIERS
http://www.trr-jx.com
version: 02
150
100
50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com