Electronic Components Datasheet Search
  English  ▼

X  

AFCT-701ASDZ Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-701ASDZ Datasheet(HTML) 1 Page - Broadcom Corporation.

  AFCT-701ASDZ Datasheet HTML 1Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 2Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 3Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 4Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AFCT-701ASDZ
10Gb Ethernet, 1310 nm, 10GBASE-LR,
SFP+ Transceiver for SMF 10km links
Case temperature 0-85
qC
Data Sheet
Description
The Avago AFCT-701ASDZ transceiver is part of a fam-
ily of SFP+ products. This transceiver utilizes Avago’s
1310nm DFB and PIN Detector technology to provide an
IEEE 10Gb Ethernet design compliant with the 10GBASE-
LR standard. The AFCT-701ASDZ transceiver is designed
with an extended case temperature to 0-85
qC to en-
able 10Gb Ethernet equipment designs with very high
port density based on the new electrical and mechani-
cal specification enhancements to the well known SFP
specifications developed by the SFF Committee. These
specifications are referred to as SFP+ to recognize these
enhancements to previous SFP specifications used for
lower speed products. Avago Technologies is an active
participant in the SFF Committee specification develop-
ment activities.
Related Products
x AFCT-701SDZ SFP+ 10 Gigabit Ethernet 10GBASE-LR
transceiver with case temperature operated at 0-70
qC for operation in SMF link applications to 10 km
x AFBR-707SDZ SFP+ 10 Gigabit Ethernet 10GBASE-
LRM transceiver for 220 meter operation in all MMF
link applications including OM1 and OM2 legacy fiber
cables and new high bandwidth OM3 fiber cables.
x The AFBR-703SDZ (AFBR-703ASDZ) with case
temperature 0-70 (0-85) °C is an SFP+ 10 Gigabit
Ethernet
10GBASE-SR
transceiver
for
use
on
multimode fiber cables. It is best suited for OM3 high
bandwidth MMF link applications with link lengths up
to 300 meters.
x AFCT-5016Z SFP+ Evaluation Board The purpose of
this SFP+ evaluation board is to provide the designer
with a convenient means for evaluating SFP+ fiber
optic transceivers.
Features
x Avago 1310nm DFB source and Transmitter Optical
Subassembly technology
x Avago PIN detector and Receiver Optical Subassembly
technology
x Typical power dissipation 850mW
x Extended case temperature 0-85 qC
x Full digital diagnostic management interface
x Avago SFP+ package design enables equipment EMI
performance in high port density applications with
margin to Class B limits
Specifications
x Optical interface specifications per IEEE 802.3ae
10GBASE-LR
x Electrical interface specifications per SFF Committee
SFF 8431 Specifications for Enhanced 8.5 and 10
Gigabit Small Form Factor Pluggable Module “SFP+”
x Management interface specifications per SFF
Committee SFF 8431 and SFF 8472 Diagnostic
Monitoring Interface for Optical Transceivers
x Mechanical specifications per SFF Committee SFF
8432 Improved Pluggable Formfactor “IPF”
x LC Duplex optical connector interface confirming to
ANSI TIA/EA 604-10 (FOCIS 10A)
x Compliant to Restriction on Hazardous Substances
(RoHS) per EU and China requirements
x Class 1 Eye safe per requirements of IEC 60825-1 /
CDRH


Similar Part No. - AFCT-701ASDZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701ASDZ AVAGO-AFCT-701ASDZ Datasheet
242Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
AFCT-701ASDZ AVAGO-AFCT-701ASDZ_15 Datasheet
242Kb / 18P
SFP Transceiver for SMF 10km links
More results

Similar Description - AFCT-701ASDZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701ASDZ AVAGO-AFCT-701ASDZ Datasheet
242Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
AFCT-701ASDZ AVAGO-AFCT-701ASDZ_15 Datasheet
242Kb / 18P
SFP Transceiver for SMF 10km links
AFCT-701SDZ AVAGO-AFCT-701SDZ_15 Datasheet
272Kb / 18P
SFP Transceiver for SMF 10km links
logo
Broadcom Corporation.
AFBR-703ASDZ BOARDCOM-AFBR-703ASDZ Datasheet
419Kb / 19P
10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-739ASMZ AVAGO-AFCT-739ASMZ Datasheet
442Kb / 18P
10 Gb Ethernet, 1310 nm, 85 째C, 10GBASE-LR, SFP Transceiver for SMF 10 km links
logo
ATGBICS by Approved Tec...
10GB-LR-SFPP-C ATGBICS-10GB-LR-SFPP-C Datasheet
569Kb / 10P
10GB-LR-SFPP Enterasys Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
MA-SFP-10GB-LR-C ATGBICS-MA-SFP-10GB-LR-C Datasheet
366Kb / 10P
MA-SFP-10GB-LR Cisco Meraki Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
QFX-10GBASE-LR-C ATGBICS-QFX-10GBASE-LR-C Datasheet
367Kb / 10P
QFX-10GBASE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10GB-LR-C ATGBICS-SFP-10GB-LR-C Datasheet
366Kb / 10P
SFP-10GB-LR Cisco Meraki Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com