Electronic Components Datasheet Search
  English  ▼

X  

8000596 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8000596
Description  Gearbox
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8000596 Datasheet(HTML) 1 Page - Festo Corporation.

  8000596 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gearbox
EMGC-40-P-G5-SEC-67
Part number: 8000596
Data sheet
Feature
Value
Gearbox flange size
40 mm
Motor flange size
67 mm
Torsional backlash
0.5 deg
Type code
EMGC
Gearbox type
Planetary gear
Gear ratio
5:1
Max. actuator speed
6000 1/min
Gearbox operating temperature
-20 °C ... 90 °C
Degree of protection
IP54
Continuous output torque
6.5 Nm
Mass moment of inertia, gearbox
0.04 kgcm²
Max. output torque
13 Nm
Max. efficiency
94 %
Torsional rigidity
0.85 Nm/arcmin
Product weight
450 g
Interface code, motor out
40G
Interface code, motor in
67A
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
2/16/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 8000596

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8000594 FESTO-8000594 Datasheet
78Kb / 1P
Gearbox
8000595 FESTO-8000595 Datasheet
78Kb / 1P
Gearbox
8000597 FESTO-8000597 Datasheet
78Kb / 1P
Gearbox
8000598 FESTO-8000598 Datasheet
78Kb / 1P
Gearbox
8000599 FESTO-8000599 Datasheet
77Kb / 1P
Gearbox
More results

Similar Description - 8000596

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMGA-40-A-G5-40P FESTO-EMGA-40-A-G5-40P Datasheet
77Kb / 1P
Gearbox
EMGA-40-P-G3-EAS-40 FESTO-EMGA-40-P-G3-EAS-40 Datasheet
77Kb / 1P
Gearbox
EMGA-60-P-G5-SAS-55 FESTO-EMGA-60-P-G5-SAS-55 Datasheet
79Kb / 1P
Gearbox
EMGA-80-P-G3-SAS-100 FESTO-EMGA-80-P-G3-SAS-100 Datasheet
76Kb / 1P
Gearbox
EMGC-40-P-G7-SEC-67 FESTO-EMGC-40-P-G7-SEC-67 Datasheet
78Kb / 1P
Gearbox
EMGC-40-P-G20-SEC-67 FESTO-EMGC-40-P-G20-SEC-67 Datasheet
78Kb / 1P
Gearbox
EMGC-40-P-G35-SEC-67 FESTO-EMGC-40-P-G35-SEC-67 Datasheet
79Kb / 1P
Gearbox
EMGC-60-P-G5-SEC-67 FESTO-EMGC-60-P-G5-SEC-67 Datasheet
83Kb / 1P
Gearbox
EMGA-80-A-G5-80P FESTO-EMGA-80-A-G5-80P Datasheet
73Kb / 1P
Gearbox
EMGA-80-A-G5-100A FESTO-EMGA-80-A-G5-100A Datasheet
80Kb / 1P
Gearbox
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com