Electronic Components Datasheet Search
  English  ▼

X  

533604 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 533604
Description  Pick and place machine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

533604 Datasheet(HTML) 1 Page - Festo Corporation.

  533604 Datasheet HTML 1Page - Festo Corporation. 533604 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pick and place machine
HSP-12-AP-WL
Part number: 533604
Data sheet
Feature
Value
Size
12
Maximum wait position module Z-stroke
15 mm
Y-stroke
52 mm ... 68 mm
Z-stroke
20 mm ... 30 mm
Z working stroke
15 mm
Type code
HSP
Cushioning
Pneumatic shock absorber at both ends
Soft characteristic curve
Mounting position
Guide rail
Vertical
Mode of operation
Double-acting
Design
Cross guide
Swivel module
Wait position module optionally on left
Positively driven motion sequence
Position sensing
For proximity sensor
Protection against torsion/guide
Cross guide
Operating pressure
4 bar ... 8 bar
Minimum cycle time
0.6 s
Repetition accuracy
±0.01 mm
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
0 °C ... 60 °C
Max. torque Mx dynamic
1.1 Nm
Max. static moment Mx
5 Nm
Max. torque My dynamic
1.1 Nm
Max. static moment My
5 Nm
Max. torque Mz dynamic
1.1 Nm
Max. static moment Mz
5 Nm
Max. payload
0.5 kg
Theoretical force at 6 bar
40 N
Product weight
1900 g
Front unit mounting
With through-hole
Type of mounting
With through-hole
With slot nuts
Wait position pneumatic connection
M3
Pneumatic connection
M5
2/16/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 533604

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
533600 FESTO-533600 Datasheet
82Kb / 2P
Pick and place machine
533601 FESTO-533601 Datasheet
84Kb / 2P
Pick and place machine
logo
Aavid, Thermal Division...
533601B02552G AAVID-533601B02552G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
logo
Festo Corporation.
533602 FESTO-533602 Datasheet
84Kb / 2P
Pick and place machine
logo
Aavid, Thermal Division...
533602B02552G AAVID-533602B02552G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
More results

Similar Description - 533604

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HSP-12-AP-WR FESTO-HSP-12-AP-WR Datasheet
99Kb / 2P
Pick and place machine
HSP-16-AS FESTO-HSP-16-AS Datasheet
86Kb / 2P
Pick and place machine
HSP-25-AP-SD FESTO-HSP-25-AP-SD Datasheet
83Kb / 2P
Pick and place machine
HSP-25-AP-SD-WR FESTO-HSP-25-AP-SD-WR Datasheet
84Kb / 2P
Pick and place machine
HSW-10-AP FESTO-HSW-10-AP Datasheet
81Kb / 2P
Pick and place machine
HSW-10-AP-SD FESTO-HSW-10-AP-SD Datasheet
79Kb / 2P
Pick and place machine
HSW-10-AS FESTO-HSW-10-AS Datasheet
71Kb / 2P
Pick and place machine
HSW-10-AS-SD FESTO-HSW-10-AS-SD Datasheet
80Kb / 2P
Pick and place machine
HSW-12-AP-SD-AW FESTO-HSW-12-AP-SD-AW Datasheet
82Kb / 2P
Pick and place machine
HSW-12-AS FESTO-HSW-12-AS Datasheet
71Kb / 2P
Pick and place machine
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com