Electronic Components Datasheet Search
  English  ▼

X  

533613 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 533613
Description  Pick and place machine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

533613 Datasheet(HTML) 1 Page - Festo Corporation.

  533613 Datasheet HTML 1Page - Festo Corporation. 533613 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pick and place machine
HSP-16-AS
Part number: 533613
Data sheet
Feature
Value
Size
16
Y-stroke
90 mm ... 110 mm
Z-stroke
35 mm ... 50 mm
Z working stroke
20 mm
Type code
HSP
Cushioning
Pneumatic shock absorber at both ends
Soft characteristic curve
Mounting position
Guide rail
Vertical
Design
Actuator shaft
Cross guide
Positively driven motion sequence
Position sensing
For proximity sensor
Protection against torsion/guide
Cross guide
Minimum cycle time
0.8 s
Repetition accuracy
±0.01 mm
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
0 °C ... 60 °C
Max. driving torque on actuator shaft
2.5 Nm
Max. axial force at actuator shaft
30 N
Max. torque Mx dynamic
2.4 Nm
Max. static moment Mx
10 Nm
Max. torque My dynamic
2.4 Nm
Max. static moment My
10 Nm
Max. torque Mz dynamic
2.4 Nm
Max. static moment Mz
10 Nm
Max. payload
1 kg
Max. radial force on actuator shaft
75 N
Theoretical force at 6 bar
50 N
Product weight
3100 g
Front unit mounting
With through-hole
Type of mounting
With through-hole
With slot nuts
Note on materials
Free of copper and PTFE
Base plate material
Wrought aluminum alloy
Cross guide material
Tempered steel
2/16/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 533613

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
533610 FESTO-533610 Datasheet
85Kb / 2P
Pick and place machine
533611 FESTO-533611 Datasheet
99Kb / 2P
Pick and place machine
533612 FESTO-533612 Datasheet
99Kb / 2P
Pick and place machine
533614 FESTO-533614 Datasheet
75Kb / 2P
Pick and place machine
533615 FESTO-533615 Datasheet
97Kb / 2P
Pick and place machine
More results

Similar Description - 533613

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HSP-12-AP-WR FESTO-HSP-12-AP-WR Datasheet
99Kb / 2P
Pick and place machine
HSP-25-AP-SD FESTO-HSP-25-AP-SD Datasheet
83Kb / 2P
Pick and place machine
HSP-25-AP-SD-WL FESTO-HSP-25-AP-SD-WL Datasheet
84Kb / 2P
Pick and place machine
HSP-25-AP-SD-WR FESTO-HSP-25-AP-SD-WR Datasheet
84Kb / 2P
Pick and place machine
HSW-10-AP FESTO-HSW-10-AP Datasheet
81Kb / 2P
Pick and place machine
HSW-10-AP-SD FESTO-HSW-10-AP-SD Datasheet
79Kb / 2P
Pick and place machine
HSW-10-AS FESTO-HSW-10-AS Datasheet
71Kb / 2P
Pick and place machine
HSW-10-AS-SD FESTO-HSW-10-AS-SD Datasheet
80Kb / 2P
Pick and place machine
HSW-12-AP-SD-AW FESTO-HSW-12-AP-SD-AW Datasheet
82Kb / 2P
Pick and place machine
HSW-12-AS FESTO-HSW-12-AS Datasheet
71Kb / 2P
Pick and place machine
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com