Electronic Components Datasheet Search
  English  ▼

X  

SB20100L Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SB20100L
Description  Surface Mount Low VF Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SB20100L Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SB20100L Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SB20100L Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T =25
T =100
Fig2 : Instantaneous Forward Voltage
Fig4: Typical Reverse Characteristics
0
20
40
60
80
100
0.01
0.1
1.0
10
100
VRM(%)
℃
℃
0.4
0.6
0.8
1.0
VF(V)
0.1
10
1.0
100
0
0.2
Fig.1 - Forward Current Derating Curve
A
A
SB2045L-SB2050L
SB2060L
T =25
℃
A
SB2080L-SB20100L
FIG.5 MOUNTING PAD LAYOUT
0.131
(3.35)
0.043
(1.10)
0.072
(1.84)
25
50
75
100
125
150
175
30
20
10
0
25
50
75
100
125
150
175
0
LEAD TEMPERATURE , T ( C)
°
L
Pulse Width =8.3ms
0
150
300
1.0
10
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Peak Forward Surge Current (per leg)
T = 25 C
Single Half Sine-Wave
(JEDEC Method)
A
°
http://www.trr-jx.com
version: 02
SB2045L THRU SB20100L
.
Surface Mount Low VF Schottky Rectifiers
Characteristic Curves (T
A=25 ℃ unless otherwise noted)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com