Electronic Components Datasheet Search
  English  ▼

X  

SK560VS Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SK560VS
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SK560VS Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SK560VS Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SK560VS Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SK560VS Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
High current capability
Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
Mounting position: any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Maximum Recurrent Peak Reverse Voltage
VRRM
40
45
60
100
150
V
Maximum RMS Voltage
VRMS
28
31.5
42
70
105
V
Maximum DC Blocking Voltage
VDC
40
45
60
100
150
V
Maximum Average Forward Rectified Current
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 5.0A DC
VF
V
J
=25℃
Maximum DC
Maximum DC Reverse Current
at Rated DC B
at Rated DC Blocking Voltage
J
=125℃
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
℃
/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
A
IR
0.60
-55 to +150
0.5
IFSM
A
100
-55 to +150
mA
I(AV)
400
35
20
5.0
200
140
200
0.70
0.90
CHARACTERISTICS
TO-251
UNIT
TO-252
2.Mounted on 10cm x 10cm x 1mm copper pad area
0.85
0.92
600
SK540VS
SK545VS
SK560VS
SK5100VS
SK5150VS
SK5200VS
SK540DS
SK545DS
SK560DS
SK5100DS SK5150DS SK5200DS
TO-251(I-PAK)
TO-252(D-PAK)
SK540xS THRU SK5200xS
.
Surface Mount Schottky Rectifiers
http://www.trr-jx.com
version: 02


Similar Part No. - SK560VS

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK560 CYSTEKEC-SK560 Datasheet
209Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK560 CYSTEKEC-SK560 Datasheet
151Kb / 5P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK560 CYSTEKEC-SK560 Datasheet
397Kb / 6P
Surface Mount Schottky Barrier Diodes
logo
DIYI Electronic Technol...
SK560D DYELEC-SK560D Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIERS
SK560P DYELEC-SK560P Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK560VS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com