Electronic Components Datasheet Search
  English  ▼

X  

TMBF301 Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # TMBF301
Description  SURFACE MOUNT BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

TMBF301 Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  TMBF301 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. TMBF301 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. TMBF301 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
PACKAGE OUTLINE
Plastic surface mounted package; 4 leads
DBF
V
A
M
E1
E
∠ALL ROUND
L
UNIT
mm
1.5
0.29
8.9
1.3
0.17
8.4
10°
max
min
mil
max
min
59
51
12
7
350
331
A
C
D
E
E1
∠
e
1.15
0.95
45
37
b
5.3
4.9
209
193
7.6
7.1
299
280
7.0
6.2
276
244
L
1.6
1.0
31.5
55
DBF
echanical data
306
308
TMBF310
301
302
304
The recommended mounting pad size
mm
(mil)
Unit:
1.3×1. 8
51×71
TMBF301 THRU TMBF310
SURFACE MOUNT BRIDGE RECTIFIERS
http://www.trr-jx.com
version: 02
TMBF
TMBF
TMBF
TMBF
TMBF
306
308
301
302
304
TMBF
TMBF
TMBF
TMBF
TMBF
TMBF310
m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com