Electronic Components Datasheet Search
  English  ▼

X  

UG3KB10 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # UG3KB10
Description  BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

UG3KB10 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  UG3KB10 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. UG3KB10 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
FIG.2- FORWARD CURRENT DERATING CURVE
Characteristic Curves (TA=25 ℃ unless otherwise noted)
http://www.trr-jx.com
version: 02
BRIDGE RECTIFIERS
UG3KB05-UG3KB100
3.0
0
1.0
2.0
40
Fig. 1 Output Current Derating Curve
T , CASE TEMPERATURE( C)
C
°
120
160
80
60
0
20
100
140



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com