Electronic Components Datasheet Search
  English  ▼

X  

UMB05S. Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # UMB05S.
Description  SURFACE MOUNT BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

UMB05S. Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  UMB05S. Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. UMB05S. Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. UMB05S. Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Glass Passivated Die Construction
●
Low Forward Voltage Drop
●
Low Leakage Current
●
High Forward Surge Capability
●
Designed for Surface Mount Application
●
Plastic Material - UL Flammability 94V -O
●
Case: SOF2-4 Molded Plastic
●
Terminals: Solder plated, Solderable per
J-STD-002B and JESD22-B102D
●
Polarity: As Marked on body
●
Marking: Type Number
●
Lead Free: For ROHS/Leadfree Version
VF
1.1 V
Tj max.
150 °C
VRRM
50 V to 1000 V
IFSM
IR
5 μA
IF(AV)
0.8 A
Maximum Ratings & Thermal Characteristics(T
A = 25 °C unless otherwise noted)
Single Phase,half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%.
Symbol
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
TJ, TSTG
℃
1):Mounted on glass epoxy P.C.B with 1.2×0.8mm
2 pads。
Electrical Characteristics(T
A = 25 °C unless otherwise noted)
UNIT
V
2):Pulse test: 300μS pulse width,1% duty cycle.
μA
TA = 125 ℃
-
-
100
Reverse current
TA = 25 ℃
IR
--
5
Instantaneous forward voltage
IF=0.8A
2)
VF
-
0.95
1.1
Items
Test conditions
Symbol
Min
Type
Max
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
IFSM
Operating junction and storage temperature range
–55 to +150
Maximum DC blocking voltage
Maximum average forward rectified current
IF(AV)
0.8
1)
A
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Items
Mechanical Date
Major Ratings and Characteristics
UMB05S.~UMB10S.
SURFACE MOUNT BRIDGE RECTIFIERS
UNIT
UMB05S. UMB1S. UMB2S. UMB4S. UMB6S. UMB8S. UMB10S.
SOF2-4S
30
A
30A
30
30
30
30
http://www.trr-jx.com
version: 02


Similar Part No. - UMB05S.

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
UMB05S JUXING-UMB05S Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
UMB05S ZSELEC-UMB05S Datasheet
93Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMB05S ZSELEC-UMB05S Datasheet
93Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UMB05S JUXING-UMB05S Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB05S JUXING-UMB05S_V01 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - UMB05S.

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF301 JUXING-TMBF301 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com