Electronic Components Datasheet Search
  English  ▼

X  

MSMD014 Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # MSMD014
Description  Resettable Fuse PTC SMD1812 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

MSMD014 Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  MSMD014 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD MSMD014 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD MSMD014 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD MSMD014 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD MSMD014 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD MSMD014 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD MSMD014 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD MSMD014 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMD1812 Series
Resettable Fuse PTC SMD1812 Series
Features
RoHS Compliant & Halogen Free
faster tripping, 1812 Dimension, Surface mountable, Solid state
Operation Current: 0.10A~3.50A
Maximum Voltage: 6V~60Vdc
Operating Temperature:-40℃ to +85℃
Agency recognition:
Dimensions(4532mm/ 1812 mils) Unit: mm
Terminal pad materials :Tin-Plated Nickle-copper
Terminal pad solderability : Meets EIA specification
RS 186-9E and ANSI/J-STD-002 Category 3.
Specifications are subject to change without notice
1
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com
Part number
Marking
A
B
C
D
E Certification
Delivery Time
Min max Min
Max Min Max
Min
Min
UL
TUV in stock Produce
mSMD010
JK010
4.37 4.73 3.07
3.41
0.5
1.0
0.3
0.15
√
√
3days 18days
mSMD010-60
JK010
4.37 4.73 3.07
3.41
0.5
1.0
0.3
0.15
√
√
3days 18days
mSMD014-33
JK014
4.37 4.73 3.07
3.41
0.5
1.0
0.3
0.15
√
√
3days 18days
mSMD014
JK014
4.37 4.73 3.07
3.41
0.5
1.0
0.3
0.15
√
√
3days 18days
mSMD020
JK020
4.37 4.73 3.07
3.41
0.5
1.1
0.3
0.15
√
√
3days 18days
mSMD030
JK030
4.37 4.73 3.07
3.41
0.5
1.0
0.3
0.15
√
√
3days 18days
mSMD050
JK050
4.37 4.73 3.07
3.41
0.4
0.9
0.3
0.15
√
√
3days 18days
mSMD050-24
JK050
4.37 4.73 3.07
3.41
0.4
0.9
0.3
0.15
√
√
3days 18days
mSMD050-30
JK050
4.37 4.73 3.07
3.41
0.4
1.0
0.3
0.15
√
√
3days 18days
mSMD075
JK075
4.37 4.73 3.07
3.41
0.4
0.9
0.3
0.15
√
√
3days 18days
mSMD075-24
JK075
4.37 4.73 3.07
3.41
0.5
1.2
0.3
0.15
√
√
3days 18days
mSMD075-33
JK075
4.37 4.73 3.07
3.41
0.6
1.2
0.3
0.15
√
√
3days 18days
mSMD110
JK110
4.37 4.73 3.07
3.41
0.4
0.9
0.3
0.15
√
√
3days 18days
mSMD110-16
JK110
4.37 4.73 3.07
3.41
0.4
0.9
0.3
0.15
√
√
3days 18days


Similar Part No. - MSMD014

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMDP19 SCHURTER-MSMDP19 Datasheet
622Kb / 7P
Momentary action switch double pole
05.01.2022
MSMDP19 SCHURTER-MSMDP19_V01 Datasheet
622Kb / 7P
Momentary action switch double pole
05.01.2022
More results

Similar Description - MSMD014

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
Resettable Fuse PTC
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
Resettable Fuse PTC
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010_V01 Datasheet
407Kb / 8P
Resettable Fuse PTC SMD1812 Series
JK-MSMD190L HUAXINAN-JK-MSMD190L Datasheet
414Kb / 8P
Low Resistance Resettable Fuse PTC SMD1812 Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com