Electronic Components Datasheet Search
  English  ▼

X  

MSMD030 Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # MSMD030
Description  Resettable Fuse PTC SMD1812 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

MSMD030 Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  MSMD030 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMD1812 Series
Dimensions(4532mm/ 1812 mils) Unit: mm
thermal Derating Chart-IH(A)
Maximum ambient operating temperatures ℃
Part Number
-40℃
-20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
mSMD010
0.16
0.14
0.12
0.10A
0.08
0.07
0.06
0.05
0.03
mSMD014
0.23
0.19
0.17
0.14A
0.12
0.10
0.09
0.08
0.06
mSMD020
0.29
0.26
0.23
0.20A
0.17
0.15
0.14
0.12
0.10
mSMD030
0.44
0.39
0.35
0.30A
0.26
0.23
0.21
0.18
0.15
mSMD050
0.59
0.57
0.55
0.50A
0.45
0.43
0.35
0.30
0.23
mSMD075
1.10
0.99
0.87
0.75A
0.63
0.57
0.49
0.45
0.35
mSMD110
1.60
1.45
1.28
1.10A
0.92
0.83
0.71
0.66
0.52
mSMD110-8
1.60
1.45
1.28
1.10A
0.92
0.83
0.71
0.66
0.52
mSMD110-24
1.60
1.45
1.28
1.10A
0.92
0.83
0.71
0.66
0.52
mSMD110-33
1.60
1.45
1.28
1.10A
0.92
0.83
0.71
0.66
0.52
Specifications are subject to change without notice
2
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com
Part number
Marking
A
B
C
D
E Certification
Delivery Time
Min max Min
Max Min Max
Min
Min
UL
TUV in stock Produce
mSMD110-24
JK110
4.37 4.73 3.07
3.41
0.6
1.30 0.30 0.15
√
√
3days 18days
mSMD110-33
JK110
4.37 4.73 3.07
3.41
0.7
1.70 0.30 0.15
√
√
3days 18days
mSMD125
JK125
4.37 4.73 3.07
3.41
0.5
0.12 0.30 0.15
√
√
3days 18days
mSMD125-8
JK125
4.37 4.73 3.07
3.41
0.3
0.90 0.30 0.15
-
√
3days 18days
mSMD150
JK150
4.37 4.73 3.07
3.41
0.3
0.90 0.30 0.15
√
√
3days 18days
mSMD150-16
JK150
4.37 4.73 3.07
3.41
0.5
1.20 0.30 0.15
√
√
3days 18days
mSMD150-24
JK150
4.37 4.73 3.07
3.41
0.8
1.7
0.30 0.15
-
√
3days 18days
mSMD160
JK160
4.37 4.73 3.07
3.41
0.3
0.80 0.30 0.15
√
√
3days 18days
mSMD200
JK200
4.37 4.73 3.07
3.41
0.4
1.20 0.30 0.15
√
√
3days 18days
mSMD200-12
JK200
4.37 4.73 3.07
3.41
0.4
1.20 0.30 0.15
-
√
3days 18days
mSMD200-16
JK200
4.37 4.73 3.07
3.41
0.4
1.20 0.30 0.15
-
√
3days 18days
mSMD260
JK260
4.37 4.73 3.07
3.41
0.5
1.50 0.30 0.15
√
√
3days 18days
mSMD260-12
JK260
4.37 4.73 3.07
3.41
0.6
1.50 0.30 0.15
-
√
3days 18days
mSMD260-16
JK260
4.37 4.73 3.07
3.41
0.8
1.70 0.30 0.15
-
√
3days 18days
mSMD300
JK300
4.37 4.73 3.07
3.41
0.5
1.50 0.30 0.15
√
√
3days 18days
mSMD350
JK350
4.37 4.73 3.07
3.41
0.5
1.50 0.30 0.15
-
√
3days 18days



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com