Electronic Components Datasheet Search
  English  ▼

X  

35N03 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # 35N03
Description  N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

35N03 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  35N03 Datasheet HTML 1Page - First Silicon Co., Ltd 35N03 Datasheet HTML 2Page - First Silicon Co., Ltd 35N03 Datasheet HTML 3Page - First Silicon Co., Ltd 35N03 Datasheet HTML 4Page - First Silicon Co., Ltd 35N03 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2015. 07. 18
4/5
Revision No : 0
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
0 900 1
1 000
0 035 0
039
A3
0 254REF
0 010REF
D
4 944 5
5 096
0 195 0
0 201
E
5 974 6
6 126
0 235 0
0 241
D1
3 910 4
4 110
0 154 0
0 162
E1
3 375 3
3 575
0 133 0
0 141
D2
4.824 4
4.976
0.190 0
0.196
E2
5 674 5
5 826
0 223 0
0 229
k
1.190 1
1.390
0.047
0.055
b
0 350 0
0 450
0 014 0
0 018
e
1.270TYP.
0.050TYP.
L
0.559 0
0.711
0.022 0
0.028
L1
0.424 0
0.576
0 017 0
0 023
H
0 574 0
0 726
0 023 0
0 029
θ
10°
12°
10°
12°
FTK35N03PDFN56



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com