Electronic Components Datasheet Search
  English  ▼

X  

LWT809-S Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # LWT809-S
Description  Applicable for automotive interior light
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LWT809-S Datasheet(HTML) 3 Page - Seoul Semiconductor

  LWT809-S Datasheet HTML 1Page - Seoul Semiconductor LWT809-S Datasheet HTML 2Page - Seoul Semiconductor LWT809-S Datasheet HTML 3Page - Seoul Semiconductor LWT809-S Datasheet HTML 4Page - Seoul Semiconductor LWT809-S Datasheet HTML 5Page - Seoul Semiconductor LWT809-S Datasheet HTML 6Page - Seoul Semiconductor LWT809-S Datasheet HTML 7Page - Seoul Semiconductor LWT809-S Datasheet HTML 8Page - Seoul Semiconductor LWT809-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
LWT809-S
– 809 Series White
Rev1.1, Sep, 2019
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 1. Electro Optical Characteristics, I
F =10mA, Tj=25ºC, RH30%
(1) Tolerance : VF :±0.1V, IV :±7%, x,y :±0.005
(2) The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) Correlated Color is derived from the CIE 1931 Chromaticity diagram.
(4) Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity
(5) Thermal resistance = Rth JA : Junction/ambient, Rth JS : Junction/solder point
Pad design for improved heat dissipation : Cu-area > Cu 16mm2 per pad, FR4, t=1.6mm
(6) Not designed for reverse operation
Notes :
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Voltage [1]
V
F
2.7
3.1
3.6
V
Luminous Intensity [2] [1]
I
V
90
125
180
mcd
Luminous Flux
Φ
V
370
mlm
Color Coordinate [3] [1]
X
0.280
-
Y
0.260
-
Viewing Angle [4]
2θ
1/2
120
deg.
Optical Efficiency
η
op
12
lm/W
Thermal resistance [5]
Rth JA
480
℃ / W
Rth JS
230
℃ / W
Temperature coefficient of V
F
-10℃
≤ T ≤ 100 ℃
TC
v
-2.8
mV/℃
Temperature coefficient of X
-10℃
≤ T ≤ 100 ℃
TC
x
-0.13
10-3/℃
Temperature coefficient of Y
-10℃
≤ T ≤ 100 ℃
TC
y
-0.10
10-3/℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com