Electronic Components Datasheet Search
  English  ▼

X  

STIBA12AE Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # STIBA12AE
Description  Applicable for automotive interior light
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STIBA12AE Datasheet(HTML) 4 Page - Seoul Semiconductor

  STIBA12AE Datasheet HTML 1Page - Seoul Semiconductor STIBA12AE Datasheet HTML 2Page - Seoul Semiconductor STIBA12AE Datasheet HTML 3Page - Seoul Semiconductor STIBA12AE Datasheet HTML 4Page - Seoul Semiconductor STIBA12AE Datasheet HTML 5Page - Seoul Semiconductor STIBA12AE Datasheet HTML 6Page - Seoul Semiconductor STIBA12AE Datasheet HTML 7Page - Seoul Semiconductor STIBA12AE Datasheet HTML 8Page - Seoul Semiconductor STIBA12AE Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
4
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev10.2, July 2019
IBT801-S - 801 Series Ice Blue
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Absolute Maximum Ratings
Notes :
(1) A zener diode is included for ESD Protection.
•
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
•
All measurements were made under the standardized environment of Seoul Semiconductor.
Parameter
Symbol
Value
Unit
Power Dissipation (T
a=25℃)
P
d
120
mW
Forward Current (T
a=25℃)
I
F
30
mA
Peak Forward Current
(t≤ 10μsec,D≤5/1000,T
a=25℃)
I
FM
300
mA
Operating Temperature
T
opr
-40 ~ +110
℃
Storage Temperature
T
stg
-40 ~ +110
℃
Junction Temperature
T
j
125
℃
Soldering Temperature
T
sld
Reflow Soldering : 260 ℃ for 10sec.
Hand Soldering : 315 ℃ for 4sec.
ESD (
R=1.5kΩ, C= 100pF) [1]
Min 2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com