Electronic Components Datasheet Search
  English  ▼

X  

34S Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # 34S
Description  Metal Oxide Varistors (MOV)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

34S Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  34S Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 34S Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 34S Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 34S Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 34S Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
34S Series
Electrical Characteristics
Part Number
Maximum
Allowable
Voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Max
Surge
Curren
t
8/20μs
Surge Operating Duty Test
IEC 61643-11
(8/20μs)
Maximu
m
Energy
10/1000
μs
Safety
Certificat
ion
VAC VDC
V1mA(V)
IP(A) VC(V) Imax
Imax
In
(J)
UL /CUL
34S201K
130V 170V 200(180~220) 300 340 40KA
40KA
20KA
330
√
34S221K
140V 180V 220(198~242) 300 360 40KA
40KA
20KA
360
√
34S241K
150V 200V 240(216~264) 300 395 40KA
40KA
20KA
390
√
34S271K
175V 225V 270(243~297) 300 455 40KA
40KA
20KA
420
√
34S301K
190V 250V 300(270~330) 300 500 40KA
40KA
20KA
460
-
34S331K
210V 275V 330(297~363) 300 550 40KA
40KA
20KA
500
√
34S361K
230V 300V 360(324~396) 300 595 40KA
40KA
20KA
510
√
34S391K
250V 320V 390(351~429) 300 650 40KA
40KA
20KA
530
√
34S431K
275V 350V 430(387~473) 300 710 40KA
40KA
20KA
600
√
34S471K
300V 385V 470(423~517) 300 775 40KA
40KA
20KA
650
√
34S511K
320V 415V 510(459~561) 300 845 40KA
40KA
20KA
700
√
34S561K
350V 460V 560(504~616) 300 925 40KA
40KA
20KA
730
√
34S621K
385V 505V 620(558~682) 300 1025 40KA
40KA
20KA
780
√
34S681K
420V 560V 680(612~748) 300 1120 40KA
40KA
20KA
810
√
34S751K
460V 615V 750(675~825) 300 1240 40KA
40KA
20KA
850
√
34S781K
485V 640V 780(702~858) 300 1290 40KA
40KA
20KA
930
√
34S821K
510V 670V 820(738~902) 300 1355 40KA
40KA
20KA
970
√
34S911K
550V 745V 910(819~1001) 300 1500 40KA
40KA
20KA
1050
√
34S102K
625V 825V 1000(900~1100) 300 1650 40KA
40KA
20KA
1120
√
34S112K
680V 895V 1100(990~1210) 300 1815 40KA
40KA
20KA
1250
√
34S122K
750V 980V 1200(1080~1320) 300 1980 40KA
40KA
20KA
1250
√
34S142K
880V 1140V 1400(1260~1540) 300 2310 40KA
40KA
20KA
1400
-
34S162K 1000V1280V 1600(1440~1760) 300 2640 40KA
40KA
20KA
1500
-
34S182K 1100V1465V 1800(1620~1980) 300 2970 40KA
40KA
20KA
1600
-
Specifications are subject to change without notice
2
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com