Electronic Components Datasheet Search
  English  ▼

X  

FTK50P03PDFN56 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK50P03PDFN56
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK50P03PDFN56 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK50P03PDFN56 Datasheet HTML 1Page - First Silicon Co., Ltd FTK50P03PDFN56 Datasheet HTML 2Page - First Silicon Co., Ltd FTK50P03PDFN56 Datasheet HTML 3Page - First Silicon Co., Ltd FTK50P03PDFN56 Datasheet HTML 4Page - First Silicon Co., Ltd FTK50P03PDFN56 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2015. 7. 18
2/5
Revision No : 0
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
FTK50P03PDFN56
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =-250µA
-30
V
Zero gate voltage drain current
IDSS
VDS =-30V, VGS =0V
-1
µA
Gate-body leakage current
IGSS
VDS =0V, VGS =±20V
±100
nA
On characteristics (note1)
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-1.0
-1.5
-2.5
V
Static drain-source on-sate resistance
RDS(on)
VGS =-10V, ID =-10A
4.4
7
mΩ
Forward transconductance
gFS
VDS =-10V, ID =-15A
20
S
Dynamic characteristics (note 2)
Input capacitance
Ciss
3590
Output capacitance
Coss
695
Reverse transfer capacitance
Crss
VDS =-15V,VGS =0V,
f =1MHz
665
pF
Switching characteristics (note 2)
Total gate charge
Qg
84
Gate-source charge
Qgs
11.7
Gate-drain charge
Qgd
VDS=-15V, VGS=-10V,
ID=-10A
25
nC
Turn-on delay time
td(on)
13
Turn-on rise time
tr
12
Turn-off delay time
td(off)
50
Turn-off fall time
tf
VDD=-15V,ID=-10A,
VGS=-10V,RG=6Ω
14
ns
Drain-Source Diode Characteristics
Drain-source diode forward voltage
(note1)
VSD
VGS =0V, IS=-10A
-0.85
-1.2
V
Continuous drain-source diode forward
current
(note3)
IS
-50
A
Pulsed drain-source diode forward current
ISM
-70
A
Notes:
1.
Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
2.
Guaranteed by design, not subject to production.
3.
Surface Mounted on FR4 Board, t≤ 10 sec.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com