Electronic Components Datasheet Search
  English  ▼

X  

FTK55P05S Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK55P05S
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK55P05S Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK55P05S Datasheet HTML 1Page - First Silicon Co., Ltd FTK55P05S Datasheet HTML 2Page - First Silicon Co., Ltd FTK55P05S Datasheet HTML 3Page - First Silicon Co., Ltd FTK55P05S Datasheet HTML 4Page - First Silicon Co., Ltd FTK55P05S Datasheet HTML 5Page - First Silicon Co., Ltd FTK55P05S Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thermal Characteristic
Thermal Resistance ,Junction-to-Ambient(Note 2)
RθJA
42
/W
℃
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-55
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-55V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1.5
-2.6
-3.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-5A
-
64
80
mΩ
Forward Transconductance
gFS
VDS=-15V,ID=-5A
16
-
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
1450
-
PF
Output Capacitance
Coss
-
145
-
PF
Reverse Transfer Capacitance
Crss
VDS=-20V,VGS=0V,
F=1.0MHz
-
110
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
8
-
nS
Turn-on Rise Time
tr
-
9
-
nS
Turn-Off Delay Time
td(off)
-
65
-
nS
Turn-Off Fall Time
tf
VDD=-30V, ,RL=30Ω
VGS=-10V,RGEN=6Ω
-
30
-
nS
Total Gate Charge
Qg
-
26
-
nC
Gate-Source Charge
Qgs
-
4.5
-
nC
Gate-Drain Charge
Qgd
VDS=-30V,ID=-5A,
VGS=-10V
-
7
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-3A
-
-
1.2
V
Diode Forward Current (Note 2)
IS
-
-
-5
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
FTK55P05S
2018. 02. 06
2/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com