Electronic Components Datasheet Search
  English  ▼

X  

IL3842 Datasheet(PDF) 2 Page - Integral Corp.

Part # IL3842
Description  Fixed Frequency Current Mode PWM Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL3842 Datasheet(HTML) 2 Page - Integral Corp.

  IL3842 Datasheet HTML 1Page - Integral Corp. IL3842 Datasheet HTML 2Page - Integral Corp. IL3842 Datasheet HTML 3Page - Integral Corp. IL3842 Datasheet HTML 4Page - Integral Corp. IL3842 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IL3842
PIN FUNCTION DESCRIPTION
Pin
No.
Function
Description
1
Compensation
This pln is the Error Amplifier output and is made available for loop compensation
2
Voltage Feedback
This is the inverting input of the Error Amplifier. It is normally connected to the switching
power supply outpul through a resistor divider.
3
Current Sense
A voltage proportional to inductor current is connected to this input. The PWM uses this.
information to terminate the output switch conduction
4
RT/CT
The Oscillator frequency and maximum Output duty cycle are programmed by connecting
resistor RT to VREF and capacitor CT to ground. Operation to 500kHz is possible.
5
GND
This pin is the combined conlrol circuitry and power ground
6
Output
This output directly drives the gate of a power MOSFET. Peak currents up to 1,0A are
sourced and sunk by this pin.
7
Vcc
This pin is the positive supply of the control IC.
8
VREF
This is the reference output. It provides chsarging current for capacitor CT through resistor
RT
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Total Power Supply and Zener Current
(ICC+ IZ)
30
mA
Output Current
IO
±1.0
A
Output Energy (Capacitive Load per Cycle)
W
5.0
µJ
Error Amp Output Sink Current
IOE
10
mA
Current Sense and Voltage Feedback Inputs
Vin
-0.3 to 5.5
V
Maximum Power Dissipation @ TA= 25
oC:
PD
0.862
W
Thermal Resistance,Junction-to-Air
RθJA
145
°C/W
Operating Junction Temperature
TJ
+150
oC
Storage Temperature Range
Tstg
-65 ~ +150
oC
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com