Electronic Components Datasheet Search
  English  ▼

X  

ILA2003 Datasheet(PDF) 3 Page - Integral Corp.

Part # ILA2003
Description  10W AUDIO AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA2003 Datasheet(HTML) 3 Page - Integral Corp.

  ILA2003 Datasheet HTML 1Page - Integral Corp. ILA2003 Datasheet HTML 2Page - Integral Corp. ILA2003 Datasheet HTML 3Page - Integral Corp. ILA2003 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ILA2003
3
CHIP DIAGRAM
Chip marking (X=0,540, Y=0,530)
YH14
PAD LOCATION
Pin No
Pad No
Symbol
X
Y
Pad size (mm)
01
01
IN
0.224
0.890
0.230 x 0.219
02
02
IN
0.113
0.291
0.230 x 0.209
03
03
GND
1.367
0.195
0.437 x 0.266
04
04
OUT
1.985
1.078
0.500 x 0.238
05
05
Ud
1.812
1.942
0.673 x 0.230
03
06
GND
0.132
1.957
0.258 x 0.230
Pad size is given as per metallization layer
IZ2003
2.6 + 0.03
06
01
05
04
03
(0,0)
02
Chip marking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com