Electronic Components Datasheet Search
  English  ▼

X  

FTK65T360P Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK65T360P
Description  N-Channel Super Junction Power MOS FE T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK65T360P Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK65T360P Datasheet HTML 1Page - First Silicon Co., Ltd FTK65T360P Datasheet HTML 2Page - First Silicon Co., Ltd FTK65T360P Datasheet HTML 3Page - First Silicon Co., Ltd FTK65T360P Datasheet HTML 4Page - First Silicon Co., Ltd FTK65T360P Datasheet HTML 5Page - First Silicon Co., Ltd FTK65T360P Datasheet HTML 6Page - First Silicon Co., Ltd FTK65T360P Datasheet HTML 7Page - First Silicon Co., Ltd FTK65T360P Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Symbol
Value
Unit
Drain Source voltage slope, VDS ≤ 480 V,
dv/dt
50
V/ns
Reverse diode dv/dt,VDS ≤ 480 V,ISD<ID
dv/dt
15
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55...+150
°C
Table 2. Thermal Characteristic
Table 3. Electrical Characteristics (TA=25°C unless otherwise noted)
Parameter
Symbol
Condition
Min Typ Max
Unit
On/off states
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
650
V
Zero Gate Voltage Drain Current (Tc=25°C)
IDSS
VDS=650V,VGS=0V
1
μA
Zero Gate Voltage Drain Current (Tc=125°C)
IDSS
VDS=650V,VGS=0V
100
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
3
4
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=7.0A
300
360
mΩ
Dynamic Characteristics
Input Capacitance
Clss
VDS=50V,VGS=0V,
F=1.0MHz
870
pF
Output Capacitance
Coss
54
pF
Reverse Transfer Capacitance
Crss
1.8
pF
Total Gate Charge
Qg
VDS=480V,ID=11.5A
VGS=10V
19
nC
Gate-Source Charge
Qgs
6
nC
Gate-Drain Charge
Qgd
6.5
nC
Switching times
Turn-on Delay Time
td(on)
VDD=380V,ID=5.5A,
RG=3.0Ω,VGS=10V
11
nS
Turn-on Rise Time
tr
8
nS
Turn-Off Delay Time
td(off)
58
70
nS
Turn-Off Fall Time
tf
9
14
nS
Source- Drain Diode Characteristics
Source-drain current(Body Diode)
ISD
TC=25°C
11.5
A
Pulsed Source-drain current(Body Diode)
ISDM
46
A
Forward On Voltage
VSD
Tj=25°C,ISD=11.5A,VGS=0V
0.9
1.2
V
Reverse Recovery Time
trr
Tj=25°C,IF=5.8A,di/dt=100A/μs
220
nS
Reverse Recovery Charge
Qrr
2.2
uC
Peak Reverse Recovery Current
Irrm
19
A
Notes: 1.Repetitive Rating: Pulse width limited by maximum junction temperature
2. Tj=25°C,VDD=50V,VG=10V, RG =25Ω
2018. 05. 21
2/8
Revision No : 0
FTK65T360DD/F/P
* limited by maximum junction temperature
Parameter
Symbol
FTK65T360DD
FTK65T360P
FTK65T360F
Unit
Thermal Resistance,Junction-to-Case(Maximum)
RthJC
1.24
3.84
°C /W
Thermal Resistance,Junction-to-Ambient (Maximum)
RthJA
62
80
°C /W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com