Electronic Components Datasheet Search
  English  ▼

X  

ILA8137 Datasheet(PDF) 2 Page - Integral Corp.

Part # ILA8137
Description  5.1 V 5.1 V REGULATOR WITH DISABLE AND RESET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA8137 Datasheet(HTML) 2 Page - Integral Corp.

  ILA8137 Datasheet HTML 1Page - Integral Corp. ILA8137 Datasheet HTML 2Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ILA8137
2
THERMAL DATA
TYPICAL APPLICATION
Parameter
Symbol
Value
Unit
Maximum
Thermal
Resistance
Junction-
Case for Heptawatt
R th(j-c)
6
°C
/W
Maximum Recommended
Junction Temperature
TJ
130
°C
ILA8137
Reset
Delcap
C1,3,4=10 µF, C2=0,1 µF
Disable
VO1
VI
VO2
C4
C3
C2
C1
1
2
3
5
4
6
7
ELECTRICAL CHARACTERISTICS
(VI = 7V, TJ = +25 °C, unless otherwise specified)
Parameter
Symbol
Min
Max
Unit
Output Voltage IO1,2 = 10 mA
VO1,2
5
5.2
V
Output Voltage
7 V
< VI < 14 V
5 mA
< IO1,2 < 750 mA
VO1,2
4.9
5.3
V
Dropout Voltage
IO1,2 = 750 mA
IO1,2 = 1 A
VIO1,2
VIO1,2
-
-
1.4
2
V
V
Line Regulation
7 V
< VI < 14 V, I O1,2 = 200 mA
∆UO1,2LI
-
50
mV
Load Regulation
5 mA
< IO1,2 < 0.6 A
∆UO1,2LO
-
100
mV
Quiescent Current
IO1= 10 mA, Output 2 Disabled
IQ
-
2.0
mA
Reset Thrseshold Voltage (K = VO1)
VO1RST
K-0.4
K-0.1
V
Reset Thrseshold Hysteresis
VRSH
20
75
V
Seturation Voltage in Reset Condition
I5 = 5 mA
VRL
0.4
V
Leakage Current in Normal Condition at Pin 5
V5 = 10 V
IRH
10
µA
Short Circuit Output Current
VI = 7 V
VI= 16V
I O1,2SC
I O1,2SC
-
-
1.6
1
A
A
Disable Voltage High (out 2 active)
VDISH
2
-
V
Disable Voltage Low (out 2 disable)
VDISL
-
0.8
V
Disable Bias Current 0V
< VDIS < 7V
IDIS
-100
2
µA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com