Electronic Components Datasheet Search
  English  ▼

X  

ILA8395 Datasheet(PDF) 5 Page - Integral Corp.

Part # ILA8395
Description  SECAM decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA8395 Datasheet(HTML) 5 Page - Integral Corp.

  ILA8395 Datasheet HTML 1Page - Integral Corp. ILA8395 Datasheet HTML 2Page - Integral Corp. ILA8395 Datasheet HTML 3Page - Integral Corp. ILA8395 Datasheet HTML 4Page - Integral Corp. ILA8395 Datasheet HTML 5Page - Integral Corp. ILA8395 Datasheet HTML 6Page - Integral Corp. ILA8395 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ILA8395N
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Ved
SECAM enable detection
level; pin 1
-
2.8
3.3
V
Vdd
SECAM disabled detection
level; pin 1
Note 8
1.5
2.0
-
V
Is
sink current at SECAM
identification; pin 1
Note 9
-
150
-
µA
Identification
ti
Identification time
-
4
-
frames
H
colour on/off hysteresis
3
-
-
dB
Notes to the characteristics
1.If measured in the burst-period of a blue line.
2.The video input is AC-coupled.
3.During scan.
4. Measured as 100% x (IVuI - IVII) / (IVuI + IVlI); see Fig.3.
5. Converted to input frequency error.
6. Defined as the ratio between the peak-to-peak value of the B-Y component of the demodulated 100/75 colour bar
and the peak-to-peak value of the noise.
7. The reference should be stable during frame blanking.
8. The SECAM enable and disable timing should preferably be at the end of the frame blanking.
9. The externally supplied voltage should exceed 0.5 V.
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com