Electronic Components Datasheet Search
  English  ▼

X  

FTK640D Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTK640D
Description  18A, 200V, 0.155廓 , N-CHANNEL POWER MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK640D Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK640D Datasheet HTML 1Page - First Silicon Co., Ltd FTK640D Datasheet HTML 2Page - First Silicon Co., Ltd FTK640D Datasheet HTML 3Page - First Silicon Co., Ltd FTK640D Datasheet HTML 4Page - First Silicon Co., Ltd FTK640D Datasheet HTML 5Page - First Silicon Co., Ltd FTK640D Datasheet HTML 6Page - First Silicon Co., Ltd FTK640D Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2014. 3. 10
5/7
Revision No : 0
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
1.25
1.05
0.95
0.85
0.75
-60 -40 -20
0
20 40 60
TJ, JUNCTION TEMPERATURE (oC)
100 120 140 160
1.15
80
ID = 250µA
3000
600
0
1
10
100
1800
VDS, DRAIN TO SOURCE VOLTAGE (V)
2400
1200
CISS
COSS
CRSS
CISS = CGS + CGD
CRSS = CGD
COSS ≈CDS + CGD
VGS = 0V, f = 1MHz
25oC
ID, DRAIN CURRENT (A)
0
0
6
12
18
24
3
6
9
12
15
30
150oC
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
0
0.8
1.2
1.6
2.0
0.4
1
10
100
VSD, SOURCE TO DRAIN VOLTAGE (V)
1000
25oC
150oC
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
Qg, GATE CHARGE (nC)
0
0
15
30
45
60
4
8
12
16
20
75
ID = 28A
VDS = 100V
VDS = 160V
VDS = 40V
FTK640D/DD/P/F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com