Electronic Components Datasheet Search
  English  ▼

X  

FTK2307 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK2307
Description  P-Channel 30-V(D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2307 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK2307 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2307 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2307 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2307 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2016. 02. 09
2/4
Revision No : 0
ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
FTK2307
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID =-250µA
-30
Gate-Source Threshold Voltage
VDS =VGS, ID =-250µA
-1
-3
V
Gate-Source Leakage
IGSS
VDS =0V, VGS =±20V
±100
nA
VDS =-30V, VGS =0V
-1
Zero Gate Voltage Drain Current
VDS =-30V, VGS =0V, TJ=55
℃
-10
µA
VGS =-4.5V, ID =-2.5A
0.110
0.138
Drain-Source On-State Resistance
c
RDS(on)
VGS =-10V, ID =-3.5A
0.073
0.088
Ω
Forward Transconductance
c
gfs
VDS =-10V, ID =-3.5A
7
S
Dynamic
d
Input Capacitance
Ciss
340
Output Capacitance
Coss
67
Reverse Transfer Capacitance
Crss
VDS =-15V,VGS =0V,f =1MHz
51
pF
Total Gate Charge
Qg
4.1
6.2
Gate-Source Charge
Qgs
1.3
Gate-Drain Charge
Qgd
VDS =-15V,VGS =-4.5V,
ID =-2.5A
1.8
nC
Gate Resistance
Rg
f =1MHz
10
Ω
Turn-On Delay Time
td(on)
40
60
Rise Time
tr
40
60
Turn-Off Delay Time
td(off)
20
40
Fall Time
tf
VDD=-15V,
RL=15Ω, ID =-1A,
VGEN=-4.5V,Rg=1Ω
17
30
ns
Drain-source Body diode characteristics
Body Diode Voltage
VSD
IS=-0.75A, ,VGS =0
-0.8
-1.2
V
Notes:
a. t=5s.
b. Surface mounted on 1” ×1” FR4 board.
c. Pulse Test : Pulse Width < 300µs, Duty Cycle ≤2%.
d. Guaranteed by design, not subject to production testing.
V(BR)DSS
VGS(th)
IDSS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com