Electronic Components Datasheet Search
  English  ▼

X  

FTK2320DFN22 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK2320DFN22
Description  20V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2320DFN22 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK2320DFN22 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2320DFN22 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2320DFN22 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2320DFN22 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2320DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FTK2320DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2017.11. 22
2/6
FTK2320DFN22
Revision No : 1
5. ELECTRICAL CHARACTERISTICS
Drain-Source Breakdown Voltage
(VGS =0V, ID =250μA)
Gate Threshold Voltage
(VDS =VGS , ID =250μA)
Gate Leakage Current
(VDS =0V, VGS =±10V)
Zero Gate Voltage Drain Current
(VDS =20V, VGS =0V )
Drain-Source On-Resistance(Note 2)
(VGS =4.5V, ID = 4A)
(VGS =2.5V, ID = 4A)
(VGS =1.8V, ID = 4A)
Diode Forward Voltage
(VGS = 0V, IS = 5A)
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Turn-On Rise Time
Turn-Off Delay Time
Turn-Off Fall Time
2. Pulse test; pulse width ≤ 300us, duty cycle≤ 2%
3. Matsuki Electric/ Force mos reserves the right to improve product design, functions and reliability without notice.
Symbol
Qgs
-
-
-
-
-
-
td(on)
pF
-
3700
IDSS
Max.
Static
Min.
Characteristic
(VDS =10V, VGS
=0V,f=1MHz)
VGS(th)
40
95
-
25
-
(VDS =10V, VGS
=4.5V, ID =6.5A)
(VDS =10V, RL =
,
VGS =5V,
VSD
Qg
-
tr
td(off)
tf
Ciss
Coss
Crss
-
-
Qgd
0.9
DYNAMIC
-
10
V
-
-
1
V
µA
0.4
-
1
-
-
15
22
18
26
±10
μA
RDS(ON)
-
-
150
-
3
-
-
250
-
-
420
-
3950
-
-
1
24
nC
ns
IGSS
V(BR)DSS
20
-
-
V
Unit
Typ.
-
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com