Electronic Components Datasheet Search
  English  ▼

X  

FTK3341 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK3341
Description  High Power and current handing capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3341 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK3341 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3341 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3341 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3341 Datasheet HTML 4Page - First Silicon Co., Ltd FTK3341 Datasheet HTML 5Page - First Silicon Co., Ltd FTK3341 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DESCRIPTION
D
G
S
The FTK3341 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 2.5V. This device is suitable
for use as a load switch or in PWM applications.
GENERAL FEATURES
Schematic diagram
● V
= -30V,I
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
R1
FTK3341
SOT-23
Ø180mm
8 mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
ID(25℃)
-4.2
A
ID(70℃)
-3.5
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-30
A
Maximum Power Dissipation
PD
1
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
90
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250
μA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
±100
nA
DS
D = -4.2A
< 120m
Ω @ V
RDS(ON)
GS=-2.5V
< 65m
Ω @ V
RDS(ON)
GS=-4.5V
< 50m
Ω @ V
RDS(ON)
GS=-10V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package
Marking and pin Assignment
Application
●PWM applications
●Load switch
●Power management
SOT-23 top view
FTK3341
SEMICONDUCTOR
TECHNICAL DATA
2013. 12. 14
1/6
Revision No : 0
R1


Similar Part No. - FTK3341

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
30V P-Channel MOSFETs
FTK3010HNN FS-FTK3010HNN Datasheet
1Mb / 9P
30V N-Channel MOSFETs
FTK3018 FS-FTK3018 Datasheet
309Kb / 5P
Silicon N-channel MOSFET 100mA, 30V
FTK3043N FS-FTK3043N Datasheet
361Kb / 5P
20V, 285mA, N?묬hannel with ESD Protection, SOT??23
FTK3043P FS-FTK3043P Datasheet
318Kb / 5P
20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
More results

Similar Description - FTK3341

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
High Power and current handing capability
SSF8421 SILIKRON-SSF8421 Datasheet
325Kb / 4P
High Power and current handing capability
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
High Power and current handing capability
SSF3416 SILIKRON-SSF3416 Datasheet
435Kb / 7P
High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
High Power and current handing capability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com