Electronic Components Datasheet Search
  English  ▼

X  

SPF0BF0A Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SPF0BF0A
Description  High lumen output and efficacy
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPF0BF0A Datasheet(HTML) 1 Page - Seoul Semiconductor

  SPF0BF0A Datasheet HTML 1Page - Seoul Semiconductor SPF0BF0A Datasheet HTML 2Page - Seoul Semiconductor SPF0BF0A Datasheet HTML 3Page - Seoul Semiconductor SPF0BF0A Datasheet HTML 4Page - Seoul Semiconductor SPF0BF0A Datasheet HTML 5Page - Seoul Semiconductor SPF0BF0A Datasheet HTML 6Page - Seoul Semiconductor SPF0BF0A Datasheet HTML 7Page - Seoul Semiconductor SPF0BF0A Datasheet HTML 8Page - Seoul Semiconductor SPF0BF0A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Product Brief
Description
Key Applications
Features and Benefits
www.seoulsemicon.com
Product Data Sheet.
S1C0-3535XX0000-00000000-00001-RGBW-LED
Rev1.0, Oct .2020
High lumen output and efficacy
S1C0-3535XX0000-00000000-00001
SPF0BF0A(3535RGBW 4in1)
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The package design coupled with
careful selection of component materials
allow these products to perform with
high reliability.
•
Compact Package Size
•
4 Chips in a Package
•
Pb-Free Reflow Soldering Application
•
RoHS Compliant
•
Architectural
•
Entertainment
RoHS
Reference Code
Nominal CCT
Part Number
SPF0BF0A
3000K
S1C0-3535300000-00000000-00001
4000K
S1C0-3535400000-00000000-00001
5000K
S1C0-3535500000-00000000-00001


Similar Part No. - SPF0BF0A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF0001 SANKEN-SPF0001 Datasheet
43Kb / 1P
Surface-mount Power Transistor Array
SPF0004 SANKEN-SPF0004 Datasheet
376Kb / 11P
Automotive Qualified
logo
Littelfuse
SPF002 LITTELFUSE-SPF002 Datasheet
246Kb / 2P
Solar Rated Midget Fuse
SPF002 LITTELFUSE-SPF002 Datasheet
400Kb / 1P
1000 Vdc Solar Fuse
SPF002 LITTELFUSE-SPF002_1 Datasheet
400Kb / 1P
1000 Vdc Solar Fuse
More results

Similar Description - SPF0BF0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ5-M1 SEOUL-SZ5-M1 Datasheet
988Kb / 24P
Superior Efficacy and Lumen output with Small Form Factor
SZ5-M2 SEOUL-SZ5-M2 Datasheet
1Mb / 30P
High Lumen Output and Efficacy
SZ5-P1-WX-XX SEOUL-SZ5-P1-WX-XX Datasheet
705Kb / 25P
Superior Efficacy and Lumen output with Small Form Factor
SZ5-M1-WX-XX SEOUL-SZ5-M1-WX-XX Datasheet
959Kb / 26P
Superior Efficacy and Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WW-00 SEOUL-SZ5-M2-WW-00_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
SPR05F0D SEOUL-SPR05F0D Datasheet
806Kb / 19P
Superior Efficacy & Lumen output with Small Form Factor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
Superior Efficacy & Lumen output with Small Form Factor
SPF0AF0A SEOUL-SPF0AF0A Datasheet
666Kb / 20P
High lumen output and efficacy
SZDR5A0B SEOUL-SZDR5A0B Datasheet
730Kb / 20P
Superior Efficacy & Lumen output with Small Form Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com